Electronic Components Datasheet Search
  English  ▼

X  

CCS801 Datasheet(PDF) 3 Page - ams AG

Part # CCS801
Description  Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS801 Datasheet(HTML) 3 Page - ams AG

  CCS801 Datasheet HTML 1Page - ams AG CCS801 Datasheet HTML 2Page - ams AG CCS801 Datasheet HTML 3Page - ams AG CCS801 Datasheet HTML 4Page - ams AG CCS801 Datasheet HTML 5Page - ams AG CCS801 Datasheet HTML 6Page - ams AG CCS801 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CC-000015-DS revision: 11
Datasheet for CCS801
P a g e
| 2
© Cambridge CMOS Sensors Ltd, Deanland House, Cowley Road, Cambridge, CB4 0DL, UK
Website: www.ccmoss.com
Telephone: +44 1223 395 551
Date Issued: 26 May 2016
Parameters
Conditions
Min
Typ
Max
Units
Maximum heater voltage (VH)
1
1.8
V
Recommended ambient operating
temperature
-5
50
oC
Recommended ambient operating
humidity
Non-Condensing
15
85
%RH
Storage temperature range
-40
125
oC
Recommended heater voltage (VH)
1.4
V
Average power consumption (PAV)
Pulsed heating mode
2
0.9
mW
Peak power consumption (PDC)
Constant power mode VH =
1.4V
33
mW
Heater resistance (RH)
VH = 1.4V @ 50% RH
50
58
66
Ω
Sensor resistance in clean air (Ra)
VH = 1.4V @ 50% RH
0.2
1.4
MΩ
Lifetime
VH = 1.4V
>5
years
Notes:
1.
When VH is produced by PWM of a VDD above 1.8V the duty cycle (%) must not exceed 1.8V
2 / V
DD
2
2.
Based on a sensor measurement duty cycle of 2.5%, heater ON for 1.5secs (0.5s @ 1.6V, 1s @ 1.4V)
and then heater OFF for 58.5s (0V).
Sensitivity is defined as the sensor’s resistance in air (Ra) divided by the sensor’s resistance at a specific gas
concentration level at 50% relative humidity and 25°C ambient temperature (Rg). The following chart shows
the sensitivity of CCS801 to CO, Ethanol and Toluene (as an example VOC gas) in constant power mode with a
heater voltage (VH) of 1.4V.
Operating a new sensor in constant power mode at VH in the first 24 hours is recommended to ensure sensor
performance is stabilised.
Electrical characteristics
Sensor Performance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com