Electronic Components Datasheet Search
  English  ▼

X  

TMD37007 Datasheet(PDF) 1 Page - ams AG

Part # TMD37007
Description  The device features advanced Proximity measurement
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD37007 Datasheet(HTML) 1 Page - ams AG

  TMD37007 Datasheet HTML 1Page - ams AG TMD37007 Datasheet HTML 2Page - ams AG TMD37007 Datasheet HTML 3Page - ams AG TMD37007 Datasheet HTML 4Page - ams AG TMD37007 Datasheet HTML 5Page - ams AG TMD37007 Datasheet HTML 6Page - ams AG TMD37007 Datasheet HTML 7Page - ams AG TMD37007 Datasheet HTML 8Page - ams AG TMD37007 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ams Datasheet
Page 1
[v1-02] 2016-Aug-19
Document Feedback
TMD3700
Color, ALS and Proximity Sensor
Module
The device features advanced Proximity measurement, Digital
Ambient Light Sensing (ALS) and Color Sensing (CRGB). The slim
module incorporates an IR LED and factory calibrated LED
driver. The Proximity detection feature provides object
detection (e.g. mobile device screen to user’s ear) by
photodiode detection of reflected IR energy (sourced by the
integrated LED).
Detect/release events are interrupt driven, and occur when
proximity result crosses upper and/or lower threshold settings.
The proximity engine features offset adjustment registers to
compensate for unwanted IR energy reflection at the sensor.
Proximity results are further improved by automatic ambient
light subtraction. The Color and ALS detection feature provides
red, green, blue and clear light intensity data. Each of the C, R,
G, B channels have a UV and IR blocking filters and a dedicated
data converter producing16-bit data simultaneously. This
architecture allows applications to accurately measure ambient
light and sense color which enables devices to calculate
illuminance and color temperature, control display backlight,
and chromaticity.
Ordering Information and Content Guide appear at end of
datasheet.
Figure 1:
Added Value of Using TMD3700
Benefits
Features
• Reduced board space requirements and
enables low-profile system design
• Small footprint and low profile package
4.00 x 1.75 x 1.00 mm
• Improved ALS angular response for more
accurate measurement of lighting
environment
• 45 degree average ALS FOV
• Operating range of 200 milli-Lux to
60 kilo-Lux enables operation behind dark
glass
• Wide dynamic range and high sensitivity
General Description


Similar Part No. - TMD37007

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMD37024VC OSRAM-TMD37024VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
TMD37024VCM OSRAM-TMD37024VCM Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
logo
ams AG
TMD3702VC AMSCO-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
logo
OSRAM GmbH
TMD3702VC OSRAM-TMD3702VC Datasheet
1Mb / 57P
Narrow ALS, Color and Proximity Sensor Module
v2-00 2023-Mar-14
More results

Similar Description - TMD37007

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Future Technology Devic...
FT232BL_BQ FTDI-FT232BL_BQ Datasheet
1Mb / 34P
The FT232B is a USB to serial UART interface with the following advanced features
FT240X FTDI-FT240X Datasheet
754Kb / 40P
The FT240X is a USB to parallel FIFO interface with the following advanced features
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
The device features advanced digital Ambient Light Sensing
TMD2620 AMSCO-TMD2620 Datasheet
630Kb / 33P
The device is an advanced proximity sensor
TMD2725 AMSCO-TMD2725 Datasheet
1Mb / 50P
The device features advanced proximity measurement
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
Advanced system features
logo
STMicroelectronics
EV-VND7140AJ STMICROELECTRONICS-EV-VND7140AJ Datasheet
505Kb / 7P
General device features
02-Sep-2015
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
The PGR-6100 combines the features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com