Electronic Components Datasheet Search
  English  ▼

X  

TUSB1002I Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB1002I
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002I Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1002I Datasheet HTML 3Page - Texas Instruments TUSB1002I Datasheet HTML 4Page - Texas Instruments TUSB1002I Datasheet HTML 5Page - Texas Instruments TUSB1002I Datasheet HTML 6Page - Texas Instruments TUSB1002I Datasheet HTML 7Page - Texas Instruments TUSB1002I Datasheet HTML 8Page - Texas Instruments TUSB1002I Datasheet HTML 9Page - Texas Instruments TUSB1002I Datasheet HTML 10Page - Texas Instruments TUSB1002I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
TUSB1002
www.ti.com
SLLSEU4A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EQ(DC2)
DC Equalization Gain at +2dB setting.
500 mVpp VID at 100 MHz; 1000mV
Linear Range Setting;
1.5
dB
EQ(DC-1)
DC Equalization Gain at -1dB setting.
500 mVpp VID at 100 MHz; 1200mV
Linear Range Setting;
–1.1
dB
EQ(DC-2)
DC Equalization Gain at -2dB setting.
500 mVpp VID at 100 MHz; 1200mV
Linear Range Setting;
–2.05
dB
V(DIFF_IN)
Input differential peak-peak voltage
swing range.
2000
mV
V(RX-DC-CM)
RX DC common mode voltage
1.65
1.85
2.0
V
R(RX-CM-DC)
Receiver DC common mode impedance
Measured at connector. Present when
SuperSpeed USB device detected on
TXP/N
18
30
Ω
R(RX-DIFF-DC)
Receiver DC differential impedance
Measured at connector. Present when
SuperSpeed USB device detected on
TXP/N; SLP_S0# = 1;
72
120
Ω
Z(RX-HIGH-IMP-DC-
POS)
DC input CM input impedance when
termination is disabled.
Measured at connector. Present when
no SuperSpeed USB device detected
on TXP/N or while VCC is ramping
30
K
Ω
V(RX-
SIGNAL_DET_DIFF-
PP)
Input differential peak-to-peak Signal
Detect Assert level
at 10 Gbps. No loss input channel and
PRBS7 pattern
92
mV
V(RX-IDLE_DET_DIFF-
PP)
Input differential peak-to-peak Signal
Detect De-assert Level
at 10 Gbps. No loss input channel and
PRBS7 pattern
62
mV
V(RX-LFPS-DET-DIFF-
P-P)
LFPS Detect threshold. Below min is
noise.
Measured at connector. Below min is
squelched
100
300
mV
V(RX-CM-AC-P)
Peak RX AC common mode voltage
Measured at package pin
150
mV
C(RX-PARASITIC)
Rx Input capacitance for return loss
At package pin
0.5
pF
USB3.1 Transmitter Interface (TX1P/N and TX2P/N)
RL(TX-DIFF)
TX Differential return loss
SDD22 10MHz – 2 GHz at 90
Ω
–15
dB
SDD22 5 GHz at 90
Ω
–11
dB
SDD22 5 - 10 GHz at 90
Ω
–7
dB
RL(TX-CM)
TX Common Mode return loss
0.05 – 5 GHz at 90
Ω
–9
dB
V(TX-DIFF-PP_1200)
Differential peak-to-peak TX voltage
swing linear dynamic range
CFG1 pin = F or 1; Refer to Table 3
Measured at -1dB compression point =
20log (VOD/VOD_linear)
1200
1450
mV
V(TX-DIFF-PP_1000)
Differential peak-to-peak TX voltage
swing linear dynamic range
CFG1 pin = R; Refer to Table 3
Measured at -1dB compression point =
20log (VOD/VOD_linear)
1000
mV
V(TX-DIFF-PP_900)
Differential peak-to-peak TX voltage
swing linear dynamic range
CFG1 pin = 0; Refer to
Table 3Measured at -1dB compression
point = 20log (VOD/VOD_linear)
900
mV
V(TX-RCV-DETECT)
The amount of voltage change allowed
during Receiver Detection.
600
mV
V(TX-CM-IDLE-DELTA)
Transmitter idle common-mode voltage
change while in U2/3 and not actively
transmitting LFPS.
–600
600
mV
V(TX-DC-CM)
TX DC common mode voltage
1200mVpp Linear Range setting.
0
1.85
2
V
V(TX-IDLE-DIFF-AC-
PP)
AC Electrical Idle differential peak-to-
peak output voltage
At package pin.
0
10
mV
V(TX-IDLE-DIFF_DC)
DC Electrical Idle differential output
voltage
At package pin. After low pass filter to
remove AC component.
0
14
mV
V(TX-CM-AC-PP)
Transmitter AC common mode peak-
peak voltage in U0
1200mVpp linear range; CHx_EQ
setting matches input channel insertion
loss;
80
mV
V(TX-CM-DC-ACTIVE-
IDLE-DELTA)
Absolute DC common mode voltage
between U1 and U0.
At package pin.
200
mV
I(TX-SHORT)
TX short-circuit current limit
106
mA
R(TX-DC)
TX DC common mode impedance
At package pin
18
30
Ω
R(TX-DIFF-DC)
TX DC differential impedance
72
90
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com