Electronic Components Datasheet Search
  English  ▼

X  

RA105 Datasheet(PDF) 1 Page - ETRI

Part # RA105
Description  ALARM RELAYS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

RA105 Datasheet(HTML) 1 Page - ETRI

  RA105 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2011
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
ALARM RELAYS
RA104 - RA105
Desengaging frequency: RA104 - 25 Hz
Supply: 24 V DC - 19 V to 26 V
Current: 4 mA for “Running” - 15 mA for “Default”
Operating temperature: 0°C to +70°C
Contact:
Switch off power: 3W
Max. voltage: 100 V
Max. current: 0,25 A
Contact resistence: 150m
Desengaging frequency: RA105 - 15 Hz
Ω
Red
White
Blue
Black
+ Alim
Green
Purple
Yellow
Fan
Input
Output
Green
Purple
Green
Purple
Yellow
Yellow
4 wires (AWG24)
Red, White, Blue, Black
Length 300mm,
Bore 6mm
3 wires (AWG24)
Green, Yellow, Purple
Length 300mm,
Bore 6mm
Accessories


Similar Part No. - RA105

ManufacturerPart #DatasheetDescription
logo
ETRI
RA105 ETRI-RA105 Datasheet
169Kb / 3P
ALARM RELAYS
More results

Similar Description - RA105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
ALG01 ETC2-ALG01 Datasheet
103Kb / 1P
ALARM GENERATOR
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
Alarm platform
22-Oct-2007
logo
Systemsensor advanced i...
SSM SYSTEMSENSOR-SSM Datasheet
139Kb / 2P
Alarm Bells
logo
ETRI
RA100 ETRI-RA100 Datasheet
169Kb / 3P
ALARM RELAYS
RA107 ETRI-RA107 Datasheet
116Kb / 1P
ALARM RELAYS
RA109 ETRI-RA109 Datasheet
145Kb / 1P
ALARM RELAYS
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165_16 Datasheet
563Kb / 30P
Alarm Memory
07/14/15
logo
Roithner LaserTechnik G...
EPD-470-1-0.9 ROITHNER-EPD-470-1-0.9 Datasheet
319Kb / 2P
Alarm systems
logo
Littelfuse
SOLUTIONS-M LITTELFUSE-SOLUTIONS-M Datasheet
172Kb / 1P
Protection Relays and Alarm Systems are supplied with free software.
Rev: 1-A-062916
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com