Electronic Components Datasheet Search
  English  ▼

X  

JC10_SERIES Datasheet(PDF) 1 Page - Copal Electronics

Part # JC10_SERIES
Description  CONDUCTIVE PLASTIC SINGLE TURN TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

JC10_SERIES Datasheet(HTML) 1 Page - Copal Electronics

  JC10_SERIES Datasheet HTML 1Page - Copal Electronics JC10_SERIES Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC10series
■ FEATURES
O Compact (φ10 mm)
O Long life
O High resolution (Essentially infinite)
O High following characteristics
O Cost effective
O RoHS compliant
■ PART NUMBER DESIGNATION
J C 1 0 - 0 0 0 - 2 0 2 N
Series name
Nominal resistance value(
Ω)
2 k, 5 k, 10 k
Terminal
Filling
Wiper
Sleeve bearing
“C” ring
Shaft
Wiper holder
Board
Washer
Case
Washer
Basic construction
Conductive plastic single turn type
■ LIST OF PART NUMBERS
2 k
Ω
5 k
Ω
10 k
Ω
JC10-000-202N
JC10-000-502N
JC10-000-103N
Nominal resistance value
Part number
100
Ambient temperature (C)
– 40
+ 40
+ 85
■ RATED POWER DERATING CURVE
RoHS compliant


Similar Part No. - JC10_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC100B ETC1-JC100B Datasheet
711Kb / 16P
JC050B
JC100B1 ETC1-JC100B1 Datasheet
711Kb / 16P
JC050B
JC103C3R5/X ETC1-JC103C3R5/X Datasheet
148Kb / 5P
Thermometrics Clip-On Pipe and Surface Sensors
logo
Amphenol Corporation
JC103C3R5/X AMPHENOL-JC103C3R5/X Datasheet
80Kb / 4P
Suitable for use in conditions of high
logo
List of Unclassifed Man...
JC103C4R5/X ETC1-JC103C4R5/X Datasheet
148Kb / 5P
Thermometrics Clip-On Pipe and Surface Sensors
More results

Similar Description - JC10_SERIES

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6143 BITECH-6143 Datasheet
83Kb / 4P
7/8 Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
logo
Vishay Siliconix
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
MODEL708 VISHAY-MODEL708 Datasheet
252Kb / 4P
7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
02-Jul-07
logo
Bi technologies
6187R10KT5L1.0 BITECH-6187R10KT5L1.0 Datasheet
374Kb / 3P
7/8??Diameter Single Turn Conductive Plastic Precision Potentiometer Position Sensor
logo
Copal Electronics
CRV16 COPAL-CRV16 Datasheet
68Kb / 2P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
JC_SERIES COPAL-JC_SERIES Datasheet
83Kb / 3P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
Vishay Siliconix
128 VISHAY-128 Datasheet
347Kb / 4P
1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
208 VISHAY-208 Datasheet
103Kb / 4P
1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
22-Nov-16
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com