Electronic Components Datasheet Search
  English  ▼

X  

LC30G Datasheet(PDF) 1 Page - Copal Electronics

Part # LC30G
Description  DC GEARED MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LC30G Datasheet(HTML) 1 Page - Copal Electronics

  LC30G Datasheet HTML 1Page - Copal Electronics LC30G Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC GEARED MOTORS
LC30G/LC37G
Gear ratio
Part number
Part number
1/10
1/30
1/60
1/100
1/150
1/300
1/500
1/1000
1/1500
■ PART NUMBER DESIGNATION
■ LIST OF PART NUMBERS
L C 3 7 G - 1 8 3 C
1 / 1 0
Series name
Gear ratio
1/10
1/300
1/30
1/500
1/60
1/1000
1/100
1/1500
1/150
LC30G191C:DC 24 V
LC37G-183C:DC 24 V
LC30G191C 1/10
LC30G191C 1/30
LC30G191C 1/60
LC30G191C 1/100
LC30G191C 1/150
A
LC30G191C 1/300
A
LC30G191C 1/500
A
LC30G191C 1/1000
A
LC30G191C 1/1500
LC37G-183C 1/10
LC37G-183C 1/30
LC37G-183C 1/60
LC37G-183C 1/100
LC37G-183C 1/150
A
LC37G-183C 1/300
A
LC37G-183C 1/500
A
LC37G-183C 1/1000
A
LC37G-183C 1/1500
※ Verify the above part numbers when placing orders.
The products indicated by
A mark are manufactured upon receipt of order basis.
LC30G191C
LC37G-183C
Weight : approx. 220 g
(Gear ratio 1/10)
Weight : approx. 180 g
(Gear ratio 1/10)
RoHS compliant


Similar Part No. - LC30G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC30G ETC1-LC30G Datasheet
116Kb / 2P
DC GEARED MOTORS
LC30G191C1/10 ETC1-LC30G191C1/10 Datasheet
116Kb / 2P
DC GEARED MOTORS
LC30G191C1/100 ETC1-LC30G191C1/100 Datasheet
116Kb / 2P
DC GEARED MOTORS
LC30G191C1/1000 ETC1-LC30G191C1/1000 Datasheet
116Kb / 2P
DC GEARED MOTORS
LC30G191C1/150 ETC1-LC30G191C1/150 Datasheet
116Kb / 2P
DC GEARED MOTORS
More results

Similar Description - LC30G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC37G ETC1-LC37G Datasheet
116Kb / 2P
DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M24N-1 MITSUMI-M24N-1 Datasheet
40Kb / 1P
DC Mini-Motors
M28N-1 MITSUMI-M28N-1 Datasheet
47Kb / 1P
DC Mini-Motors
logo
Copal Electronics
HG16 COPAL-HG16 Datasheet
58Kb / 2P
DC GEARED MOTORS
HG37 COPAL-HG37 Datasheet
64Kb / 2P
DC GEARED MOTORS
LA16G324B COPAL-LA16G324B Datasheet
75Kb / 2P
DC GEARED MOTORS
LC20G COPAL-LC20G Datasheet
53Kb / 2P
DC GEARED MOTORS
LC22G COPAL-LC22G Datasheet
80Kb / 3P
DC GEARED MOTORS
MG16B COPAL-MG16B Datasheet
69Kb / 2P
DC GEARED MOTORS
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
Geared Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com