Electronic Components Datasheet Search
  English  ▼

X  

MHS Datasheet(PDF) 6 Page - Copal Electronics

Part # MHS
Description  Hyper-miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MHS Datasheet(HTML) 6 Page - Copal Electronics

  MHS Datasheet HTML 1Page - Copal Electronics MHS Datasheet HTML 2Page - Copal Electronics MHS Datasheet HTML 3Page - Copal Electronics MHS Datasheet HTML 4Page - Copal Electronics MHS Datasheet HTML 5Page - Copal Electronics MHS Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
0.7
Terminal numbers are not shown on the switch.
●/Operating force : 1.47∼3.92N{150∼400 gf}
R/A
■PC Hole Layouts
  
(Top view)
MHS
MHS422
Non-shorting
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
12
ON
ON
2−3
5−6
8−9
11−12
2−1
5−4
8−7
11−10
■
⑴Manual Soldering(MTS/MHS Series)
Device : Soldering iron
① 380℃, Max.; 3 seconds, Max.
⑵Auto Soldering(MHS121/MSH131/MHS221/MHS231 only)
Device : Jet wave type or dip type
① 275℃, Max.; 6 seconds, Max.
●Pre-heating should be done at temperatures ranging from 80℃
to 120℃ and within 120 seconds
⑶
(MTS Series)
Device : Heat-blow or infrared
●
⑷When soldering two or more terminals to the common land,
use solder resist to solder them independently.
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵Since the MTS-MHS series are not process sealed, if the PC
board is to be cleaned, clean the soldering surface of substrate
with a brush so that the switch is not exposed to the cleaning
solution.
■Frequency of switch use
If the switch is not likely to be operated frequently (e.g.
two or three operations a year) in the dry circuit area, a
sulfide film is likely to be formed on the contacts, resulting
in contact failure. If this is the case, gold-plated products
are recommended. Please contact your local Nidec Copal
Electronics sales representative.
■
Plastic Bag
200 pcs/pack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com