Electronic Components Datasheet Search
  English  ▼

X  

MHS221 Datasheet(PDF) 4 Page - Copal Electronics

Part # MHS221
Description  Hyper-miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MHS221 Datasheet(HTML) 4 Page - Copal Electronics

  MHS221 Datasheet HTML 1Page - Copal Electronics MHS221 Datasheet HTML 2Page - Copal Electronics MHS221 Datasheet HTML 3Page - Copal Electronics MHS221 Datasheet HTML 4Page - Copal Electronics MHS221 Datasheet HTML 5Page - Copal Electronics MHS221 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(1)
(4)
(2)
(3)
2
4
2
0.5
3.2
0.3
2.1
1.5
2 Stroke
2
12
(1)
(2)
(3)
(4)
MHS
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
6
ON
ON
2−1
5−4
2−3
5−6
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
4
ON
ON
ON
3−43−23−1
Switching function
(Viewed from A)
Circuit diagram
No. of
terminals
4
ON
ON
ON
3−13−23−4
MHS131
MHS221
★MHS132
Non-shorting
Non-shorting
Non-shorting
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
●Operating force : 0.49∼3.92N{50∼400 gf}
●Operating force : 0.49∼3.92 N{50∼400 gf}
●Operating force : 0.49∼3.92 N{50∼400 gf}
PC
PC
R/A
★:Made to order products.
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
(1)
(2)
(3)
(4)
(1)
(3)
(4)
(6)
(2)
(5)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com