Electronic Components Datasheet Search
  English  ▼

X  

MRK Datasheet(PDF) 2 Page - Copal Electronics

Part # MRK
Description  Key Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRK Datasheet(HTML) 2 Page - Copal Electronics

  MRK Datasheet HTML 1Page - Copal Electronics MRK Datasheet HTML 2Page - Copal Electronics MRK Datasheet HTML 3Page - Copal Electronics MRK Datasheet HTML 4Page - Copal Electronics MRK Datasheet HTML 5Page - Copal Electronics MRK Datasheet HTML 6Page - Copal Electronics MRK Datasheet HTML 7Page - Copal Electronics MRK Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
■Angle of Throw
45
°step
60
°step
90
°step
■Key Removable Position
Code
Key position
ⅠⅡⅢⅣ
A
○○
−−
B
○
×−−
C
×
○
−−
D
○○○○
E
×
○○
−
F
××
○
−
G
○○
×−
H
○
×
○
−
K
○
××−
L
×
○
×−
○:Removable
×:Not removable
■ SpeciÄcations
Rating
0.4VA max.
(20VDC max.)
Initial contact resistance 200m
Ω max.
(0.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
100M
Ω min.
(100VDC)
Electrical life
10,000 cycles
Operating force
MRK
2.94
±0.98N・cm
MRKC 2.94
±1.47N・cm
Operating
temperature range
−20℃∼+70℃
Storage
temperature range
−40℃∼+80℃
MRK
・MRKC
■ Standard Accessories
《Supplied with switch》
Part name
Key
Series
MRK
MRKC
Part No.
140007050010
140009002602
140009003061
Dimensions
Key type "01"
Key type "01B"
Grip material
Plastic
Metal
Plastic
● Each switch comes with two keys.
Shown in PositionⅡ
Shown in PositionⅡ
Shown in PositionⅠ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com