Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA348 Datasheet(HTML) 1 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1MHz, 45
µA, CMOS, Rail-to-Rail
OPERATIONAL AMPLIFIERS
FEATURES
q LOW I
Q: 45µA typical
q LOW COST
q RAIL-TO-RAIL INPUT AND OUTPUT
q SINGLE SUPPLY: +2.1V to +5.5V
q INPUT BIAS CURRENT: 0.5pA
q MicroSIZE PACKAGES: SC70-5, SOT23-8 and
TSSOP-14
q HIGH SPEED:POWER WITH BANDWIDTH: 1MHz
APPLICATIONS
q PORTABLE EQUIPMENT
q BATTERY-POWERED EQUIPMENT
q SMOKE ALARMS
q CO DETECTORS
q MEDICAL INSTRUMENTATION
DESCRIPTION
The OPA348 series amplifiers are single supply, low-power,
CMOS op amps in micro packaging. Featuring an extended
bandwidth of 1MHz, and a supply current of 45
µA, the
OPA348 series is useful for low-power applications on single
supplies of 2.1V to 5.5V.
Low supply current of 45
µA, and an input bias current of
0.5pA, make the OPA348 series an optimal candidate for
low-power, high-impedance applications such as smoke de-
tectors and other sensors.
The OPA348 is available in the miniature SC70-5,
SOT23-5 and SO-8 packages. The OPA2348 is available in
SOT23-8 and SO-8 packages, and the OPA4348 is offered
in space-saving TSSOP-14 and SO-14 packages. The ex-
tended temperature range of –40
°C to +125°C over all supply
voltages offers additional design flexibility.
OPA348
OPA2348
OPA4348
SBOS213C – NOVEMBER 2001 – REVISED MAY 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
®
OPA348
OPA3
48
OPA2
348
OPA4
348
PACKAGES
OPA348
OPA2348
OPA4348
SOT23-5
X
SOT23-8
X
SO-8
X
X
TSSOP-14
X
SO-14
X
SC70-5
X
1
2
3
5
4
V+
–In
Out
V–
+In
OPA348
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA348
SO-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2348
SOT23-8, SO-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4348
TSSOP-14, SO-14
AD
BC
1
2
3
5
4
V+
Out
+In
V–
–In
OPA348
SC70-5


Similar Part No. - OPA348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 17P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
472Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI1-OPA348 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA348 TI1-OPA348 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - OPA348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI-OPA348_06 Datasheet
318Kb / 17P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
OPA348 TI1-OPA348_15 Datasheet
1Mb / 32P
1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
FC358F FS-FC358F Datasheet
599Kb / 9P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com