Electronic Components Datasheet Search
  English  ▼

X  

XHP35 Datasheet(PDF) 13 Page - Cree, Inc

Part # XHP35
Description  Cree XLamp XHP35 LEDs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP35 Datasheet(HTML) 13 Page - Cree, Inc

Back Button XHP35 Datasheet HTML 9Page - Cree, Inc XHP35 Datasheet HTML 10Page - Cree, Inc XHP35 Datasheet HTML 11Page - Cree, Inc XHP35 Datasheet HTML 12Page - Cree, Inc XHP35 Datasheet HTML 13Page - Cree, Inc XHP35 Datasheet HTML 14Page - Cree, Inc XHP35 Datasheet HTML 15Page - Cree, Inc XHP35 Datasheet HTML 16Page - Cree, Inc XHP35 Datasheet HTML 17Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
13
XLamp® XHp35 LED
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI measurements.
See the Measurements section (page 31).
•
Cree XLamp XHP35 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and are for reference only.
nomimal
CCt
Chromaticity regions
Cri
Minimum Luminous Flux
@ 350 mA
order Code
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
5000 K
3A, 3B, 3C, 3D
0
68
D4
550
612
XHP35A-H0-0000-0D00D40e3
D2
510
567
XHP35A-H0-0000-0D00D20e3
C4
475
528
XHP35A-H0-0000-0D00C40e3
70
D4
550
612
XHP35A-H0-0000-0D0BD40e3
D2
510
567
XHP35A-H0-0000-0D0BD20e3
C4
475
528
XHP35A-H0-0000-0D0BC40e3
80
D2
510
567
XHP35A-H0-0000-0D0HD20e3
C4
475
528
XHP35A-H0-0000-0D0HC40e3
C2
440
489
XHP35A-H0-0000-0D0HC20e3
90
C2
440
489
XHP35A-H0-0000-0D0UC20e3
B4
410
456
XHP35A-H0-0000-0D0UB40e3
B2
380
423
XHP35A-H0-0000-0D0UB20e3
A4
355
395
XHP35A-H0-0000-0D0UA40e3
4500 K
4A, 4B, 4C, 4D
0
68
D4
550
612
XHP35A-H0-0000-0D00D40e4
D2
510
567
XHP35A-H0-0000-0D00D20e4
C4
475
528
XHP35A-H0-0000-0D00C40e4
70
D4
550
612
XHP35A-H0-0000-0D0BD40e4
D2
510
567
XHP35A-H0-0000-0D0BD20e4
C4
475
528
XHP35A-H0-0000-0D0BC40e4
80
D2
510
567
XHP35A-H0-0000-0D0HD20e4
C4
475
528
XHP35A-H0-0000-0D0HC40e4
C2
440
489
XHP35A-H0-0000-0D0HC20e4
90
B4
410
456
XHP35A-H0-0000-0D0UB40e4
B2
380
423
XHP35A-H0-0000-0D0UB20e4
A4
355
395
XHP35A-H0-0000-0D0UA40e4
FLuX CHArACtEristiCs, HigH intEnsity Ansi orDEr CoDEs AnD bins (t
J = 85 °C) - Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com