Electronic Components Datasheet Search
  English  ▼

X  

XM-L2 Datasheet(PDF) 1 Page - Cree, Inc

Part # XM-L2
Description  Cree XLamp XM-L2 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XM-L2 Datasheet(HTML) 1 Page - Cree, Inc

  XM-L2 Datasheet HTML 1Page - Cree, Inc XM-L2 Datasheet HTML 2Page - Cree, Inc XM-L2 Datasheet HTML 3Page - Cree, Inc XM-L2 Datasheet HTML 4Page - Cree, Inc XM-L2 Datasheet HTML 5Page - Cree, Inc XM-L2 Datasheet HTML 6Page - Cree, Inc XM-L2 Datasheet HTML 7Page - Cree, Inc XM-L2 Datasheet HTML 8Page - Cree, Inc XM-L2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product family data sheet
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XM-L2 LEDs
ProDuCt DEsCriPtion
The XLamp® XM-L2 LeD builds on the
unprecedented performance of the
original XM-L, increasing lumen output
up to 20% while providing a single die
LeD point source for precise optical
control. The XM-L2 LeD shares the same
mechanical and optical footprint as the
original XM-L, providing a seamless
upgrade path and shortened design
cycle.
XLamp XM-L2 LeDs are the ideal choice
for lighting applications where high
light output and maximum efficacy are
required, such as LeD light bulbs, outdoor
lighting, portable lighting, indoor lighting
and solar-powered lighting.
FEAturEs
• Available in white, 70-CRI white,
80-CRI white, 85-CRI white and
90-CRI white
• ANSI-compatible chromaticity bins
• Binned at 85 °C
• Maximum drive current: 3000 mA
• Low thermal resistance: 2.5 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC
J-STD-020C
• electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component
(e349212)
tAbLE oF ContEnts
Characteristics ........................................2
Flux Characteristics ................................3
Relative Spectral Power Distribution .....5
Relative Flux vs. Junction Temperature.5
electrical Characteristics........................6
Relative Flux vs. Current .........................6
Relative Chromaticity vs. Current...........7
Relative Chromaticity vs. Temperature..7
Typical Spatial Distribution.....................8
Thermal Design.......................................8
Reflow Soldering Characteristics...........9
Notes .....................................................10
Mechanical Dimensions .......................12
Tape and Reel........................................13
Packaging..............................................14


Similar Part No. - XM-L2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XM-L CREE-XM-L Datasheet
820Kb / 12P
Cree® XLamp® XM-L LEDs
Rev 2
logo
Marktech Corporate
XM-L-COLOR MARKTECH-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
logo
Comchip Technology
XM-L-COLOR COMCHIP-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
XM-L-COLOR COMCHIP-XM-L-COLOR_15 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
More results

Similar Description - XM-L2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
Cree XLamp MX-3S LEDs
Rev 0
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
Cree XLamp XM-L LEDs
Rev 0
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
Cree® XLamp® XM-L2 LEDs
Rev 0
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
XLamp XM-L Color LEDs
Rev 2A
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
Cree XLamp XHP35 LEDs
Rev 1A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XMLEZW-00-0000-0B00U450H CREE-XMLEZW-00-0000-0B00U450H Datasheet
1Mb / 22P
XLamp XM-L EasyWhite® LEDs
Rev 8D
XMLHVW-Q0-0000-0000LT351 CREE-XMLHVW-Q0-0000-0000LT351 Datasheet
1Mb / 10P
XLamp XM-L HVW LEDs
rev 7E
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com