Electronic Components Datasheet Search
  English  ▼

X  

OPA348AIDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348AIDBVT
Description  1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA348AIDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA348AIDBVT Datasheet HTML 6Page - Texas Instruments OPA348AIDBVT Datasheet HTML 7Page - Texas Instruments OPA348AIDBVT Datasheet HTML 8Page - Texas Instruments OPA348AIDBVT Datasheet HTML 9Page - Texas Instruments OPA348AIDBVT Datasheet HTML 10Page - Texas Instruments OPA348AIDBVT Datasheet HTML 11Page - Texas Instruments OPA348AIDBVT Datasheet HTML 12Page - Texas Instruments OPA348AIDBVT Datasheet HTML 13Page - Texas Instruments OPA348AIDBVT Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
OPA348, 2348, 4348
14
SBOS213C
www.ti.com
PACKAGE DRAWINGS (Cont.)
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com