Electronic Components Datasheet Search
  English  ▼

X  

P89C669 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89C669
Description  80C51 8-bit microcontroller family with extended memory 96 kB Flash with 2 kB RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C669 Datasheet(HTML) 3 Page - NXP Semiconductors

  P89C669 Datasheet HTML 1Page - NXP Semiconductors P89C669 Datasheet HTML 2Page - NXP Semiconductors P89C669 Datasheet HTML 3Page - NXP Semiconductors P89C669 Datasheet HTML 4Page - NXP Semiconductors P89C669 Datasheet HTML 5Page - NXP Semiconductors P89C669 Datasheet HTML 6Page - NXP Semiconductors P89C669 Datasheet HTML 7Page - NXP Semiconductors P89C669 Datasheet HTML 8Page - NXP Semiconductors P89C669 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Philips Semiconductors
P89C669
80C51 8-bit microcontroller family with extended memory
Product data
Rev. 02 — 13 November 2003
3 of 33
9397 750 12299
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
s Byte based Fast I2C-bus serial interface (400 kbits/s)
s Framing error detection
s Automatic address recognition
s Power control modes
s Clock can be stopped and resumed
s Idle mode
s Power-down mode
s Second DPTR register
s Asynchronous port reset
s Programmable Counter Array (PCA) (compatible with 8xC51Rx+) with five
Capture/Compare modules
s Low EMI (inhibit ALE)
s Watchdog timer with programmable prescaler for different time ranges
(compatible with 8xC66x with added prescaler)
3.
Ordering information
3.1 Ordering options
Table 1:
Ordering information
Type number
Package
Name
Description
Version
P89C669FA
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
P89C669BBD
LQFP44
plastic low profile quad flat package; 44 leads;
body 10
× 10 × 1.4 mm
SOT389-1
Table 2:
Ordering options
Type number
Memory
Temperature range
VDD voltage
range
Frequency
OTP
RAM
P89C669FA
96 kB
2048 B
−40 °C to +85 °C
4.5 to 5.5 V
0 to 24 MHz
P89C669BBD
96 kB
2048 B
0
°C to +70 °C
4.5 to 5.5 V
0 to 24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com