Electronic Components Datasheet Search
  English  ▼

X  

OPA2613IDR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2613IDR
Description  Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2613IDR Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA2613IDR Datasheet HTML 11Page - Texas Instruments OPA2613IDR Datasheet HTML 12Page - Texas Instruments OPA2613IDR Datasheet HTML 13Page - Texas Instruments OPA2613IDR Datasheet HTML 14Page - Texas Instruments OPA2613IDR Datasheet HTML 15Page - Texas Instruments OPA2613IDR Datasheet HTML 16Page - Texas Instruments OPA2613IDR Datasheet HTML 17Page - Texas Instruments OPA2613IDR Datasheet HTML 18Page - Texas Instruments OPA2613IDR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
OPA2613
SBOS249D − JUNE 2003− REVISED APRIL 2004
www.ti.com
15
TYPICAL CHARACTERISTICS: VS = +5V, Differential Configuration
At TA = +25°C, GD = 4, RF = 402Ω, and RL = 70Ω, unless otherwise noted.
R
G
0.01
µF
0.01
µF
0.01
µF
RF
402
Ω
1/2
OPA2613
806
Ω
806
Ω
1/2
OPA2613
+5V
V
I
V
I
806
Ω
806
Ω
R
L
RF
402
Ω
2RF
RG
G
D =1 +
DIFFERENTIAL SMALL−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
3
0
−3
−6
−9
200
100
10
G
D =8
G
D =4
G
D =1
R
L =70Ω
G
D =2
DIFFERENTIAL LARGE−SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
200
100
10
15
12
9
6
3
0
V
O =5VPP
V
O =2VPP
V
O =0.2VPP
R
L =70Ω
G
D =4
V
O =1VPP
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Resistance (
Ω)
10
100
1k
−85
−90
−95
−100
G
D =+4
R
L =70Ω
V
O =2VPP
f= 1MHz
2nd−Harmonic
3rd−Harmonic
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
2
−75
−85
−95
−105
−115
G
D =4V/V
R
L =70Ω
V
O =2VPP
3rd−Harmonic
2nd−Harmonic
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1110
−85
−90
−95
G
D =4V/V
R
L =70Ω
f= 1MHz
3rd−Harmonic
2nd−Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com