Electronic Components Datasheet Search
  English  ▼

X  

TF11 Datasheet(PDF) 3 Page - Hirose Electric

Part # TF11
Description  0.4mm Pitch, 0.65mm Height, Back-Flip Type, 1Row, Bottom Contact, FPC To Board CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF11 Datasheet(HTML) 3 Page - Hirose Electric

  TF11 Datasheet HTML 1Page - Hirose Electric TF11 Datasheet HTML 2Page - Hirose Electric TF11 Datasheet HTML 3Page - Hirose Electric TF11 Datasheet HTML 4Page - Hirose Electric TF11 Datasheet HTML 5Page - Hirose Electric TF11 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■ 제품 규격
■ 부품별 적용 원재료
※ Reflow최대 온도 250℃를 만족시킴으로 Lead-free Soldering의 요구조건에 적합한 제품임.
※ RoHS지침 및 유해 물질 관리 기준에 적합한 제품임.
■ Part Number의 구성
TF 11 - ** S -
① ②
③ ④
⑤
⑥
0.4 SH
LCP
0.4mm
CONTACT
METAL FITTING
11
BLACK
CASE
BLACK
Gold plating over Ni
Sn plating over Ni
S : Socket
TF
UL94V-0
Ni Barrier
9 Cotacts
SH(SMT horizontal mount type)
LCP
Phosphor Bronze
Phosphor Bronze
-
④
⑤
①
③
②
UL94V-0
Resistance to
Soldering Heat
Reflow : 250℃ MAX 30s,
217℃ and over. 90~120s
No deformation of
components affecting performance.
FPC Retention Force
Mechanical Operation
Contact Resistance : 100mΩ Max
Moisture Resistance
Finish
Material
Contact Resistance : 100mΩ Max
Insulation Resistance : 50MΩ Min
20 Time insertions and extractions.
Contact type
Contact 분류
Contact Pitch
Serieal Name
Contact 수
Serieal No.
ACTUATOR
Part
⑥
Insulation Resistance
Withstand voltage
Contact Resistance
Item
Measure at 0.12±0.02mm FPC
Remarks
Ver.:225gf MIN / Hor.:225gf MIN
Temperature : 40±2℃
Relative Humidity : 90∼95%
Duration : 96Hr
Rating
Current 0.5A
Voltage 50V
Operating temperature range
- 55℃ ∼ + 85℃
- 10℃ ∼ + 50℃
Storage temperature range
500MΩ Min
Measureed at 100V DC
Neither shot or insulation beakdown
Measured at 1mA(or 1,000㎐)
150V AC for 1 minute
Conditions
Specification
100mΩ Max
HIROSE KOREA
Page
3
2015/March



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com