Electronic Components Datasheet Search
  English  ▼

X  

TF12 Datasheet(PDF) 3 Page - Hirose Electric

Part # TF12
Description  0.5mm PITCH Back-Flip Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF12 Datasheet(HTML) 3 Page - Hirose Electric

  TF12 Datasheet HTML 1Page - Hirose Electric TF12 Datasheet HTML 2Page - Hirose Electric TF12 Datasheet HTML 3Page - Hirose Electric TF12 Datasheet HTML 4Page - Hirose Electric TF12 Datasheet HTML 5Page - Hirose Electric TF12 Datasheet HTML 6Page - Hirose Electric TF12 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revision#1
IC 기술팀
■
■
■
■ 제품
제품
제품
제품 규격
규격
규격
규격
■
■
■
■ 부품별
부품별
부품별
부품별 적용
적용
적용
적용 원재료
원재료
원재료
원재료
※ Reflow최대 온도 250℃를 만족시킴으로 Lead-free Soldering의 요구조건에 적합한 제품임.
※ RoHS지침 및 유해 물질 관리 기준에 적합한 제품임.
※ TF12F-10S-0.5SH는 TF12S-10S-0.5SH와의 구분을 위하여 원재료 COLOR는 아래와 같음.
(CASE : BLACK , SLIDER : BROWN)
※ TF12H-9S-0.5SH는 고객 특수 사양으로 원재료 COLOR는 아래와 같음.
(CASE : BLACK , SLIDER : BLACK)
■
■
■
■ Part Number의
의
의
의 구성
구성
구성
구성
TF 12 #
#
#
# - **
**
**
** S -
①
②
③
④
⑤
500MΩ Min
Measureed at 100V DC
Neither shot or insulation beakdown
Measured at 1mA(or 1,000㎐)
150V AC for 1 minute
100m
Max
Conditions
Rating
Current 0.5A
Voltage 50V
Operating temperature range
- 55 ℃ ∼ + 85 ℃
- 10 ℃ ∼ + 50 ℃
Storage temperature range
Specification
1.Insulation Resistance
2.Withstand voltage
3.Contact Resistance
Item
Measure at 0.2±0.03mm FFC
Remarks
Remarks
Remarks
Remarks
Ver.:130gf MIN/Hor.:130gf MIN
Temperature : 40±2℃
Relative Humidity : 90∼95%
Duration : 72Hr
20 Time insertions and extractions.
Contact 수
Contact 분류
Serieal Name
Serieal No.
6.Moisture Resistance
Finish
Finish
Finish
Finish
Material
Material
Material
Material
Contact Resistance : 100m
Max
Insulation Resistance : 50M
Min
4.FPC Retention Force
5.Mechanical operation
Contact Resistance : 100m
Max
⑥
④
⑤
①
②
F type
: FPC t=0.12
⑦
Contact
Metal Fitting
-
0.5
⑥
12
③
LCP
Phosphor Bronze
SH
Phosphor Bronze
UL94V-0
TF
⑦
Contact type
SH(SMT horizontal mount type)
0.5mm
Contact Pitch
LCP
BLACK
Gold plating over Ni
Sn plating over Ni
4,6,9,10,13,20 contacts
S : Socket
UL94V-0
Ni Barrier
NATURAL(Beige)
H
Blank , S : FPC t=0.2
Blank
7.Resistance to
Soldering heat
Reflow :
PROFILE :260℃ MAX 30s, 217℃
and over. 90~120s.
No deformation of
components affecting performance.
CASE
SLIDER
Part
Part
Part
Part
HIROSE KOREA
Page3
2013/ FEBRUARY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com