Electronic Components Datasheet Search
  English  ▼

X  

MSN3402 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSN3402
Description  30V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN3402 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN3402 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN3402 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN3402 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN3402 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN3402 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSN3402 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Features
● VDS = 30V,ID = 3A
RDS(ON) < 75mΩ @ VGS=2.5V
RDS(ON) < 65mΩ @ VGS=4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package
Application
● Battery protection
● Load switch
● Power management
D
G
S
Schematic diagram
Marking and pin assignment
SOT-23 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSN3402
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
3
A
Drain Current-Pulsed
(Note 1)
IDM
20
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
138
/W
℃
MSN3402
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6
Lead Free
PIN Configuration


Similar Part No. - MSN3402

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN3402A MORESEMI-MSN3402A Datasheet
422Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSN3402

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN0304 MORESEMI-MSN0304 Datasheet
546Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0306 MORESEMI-MSN0306 Datasheet
564Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0310W MORESEMI-MSN0310W Datasheet
681Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0318W MORESEMI-MSN0318W Datasheet
659Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0325R MORESEMI-MSN0325R Datasheet
544Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0330D MORESEMI-MSN0330D Datasheet
625Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0350D MORESEMI-MSN0350D Datasheet
694Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0350K MORESEMI-MSN0350K Datasheet
636Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN2304 MORESEMI-MSN2304 Datasheet
399Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN3402A MORESEMI-MSN3402A Datasheet
422Kb / 6P
30V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com