Electronic Components Datasheet Search
  English  ▼

X  

LM1086CSX-2.5 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1086CSX-2.5
Description  1.5A Low Dropout Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086CSX-2.5 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1086CSX-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM1086CSX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM1086
1.5A Low Dropout Positive Regulators
General Description
The LM1086 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 1.5A of load
current. It has the same pin-out as National Semiconductor’s
industry standard LM317.
The LM1086 is available in an adjustable version, which can
set the output voltage with only two external resistors. It is
also available in six fixed voltages: 1.8V, 2.5V, 2.85V, 3.3V,
3.45V and 5.0V. The fixed versions integrate the adjust
resistors.
The LM1086 circuit includes a zener trimmed bandgap ref-
erence, current limiting and thermal shutdown.
The LM1086 series is available in TO-220, TO-263, and LLP
packages. Refer to the LM1084 for the 5A version, and the
LM1085 for the 3A version.
Features
n
Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V and
Adjustable Versions
n
Current Limiting and Thermal Protection
n
Output Current
1.5A
n
Line Regulation
0.015% (typical)
n
Load Regulation
0.1% (typical)
Applications
n
SCSI-2 Active Terminator
n
High Efficiency Linear Regulators
n
Battery Charger
n
Post Regulation for Switching Supplies
n
Constant Current Regulator
n
Microprocessor Supply
Connection Diagrams
TO-220
TO-263
LLP
10094802
Top View
10094804
Top View
10094866
Pins 6, 7, and 8 must be tied together.
Top View
Basic Functional Diagram, Adjustable Version
10094865
Application Circuit
10094852
1.2V to 15V Adjustable Regulator
June 2005
© 2005 National Semiconductor Corporation
DS100948
www.national.com


Similar Part No. - LM1086CSX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086CSX-2.5/NOPB TI1-LM1086CSX-2.5/NOPB Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
LM1086CSX-2.5/NOPB TI1-LM1086CSX-2.5/NOPB Datasheet
2Mb / 24P
LM1086IT-5.0-NOPB
LM1086CSX-2.5/NOPB TI1-LM1086CSX-2.5/NOPB Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
LM1086CSX-2.5/NOPB TI1-LM1086CSX-2.5/NOPB Datasheet
2Mb / 30P
1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086CSX-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
0.5A and 1.5A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com