Electronic Components Datasheet Search
  English  ▼

X  

PCA2001U Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA2001U
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2001U Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA2001U Datasheet HTML 11Page - NXP Semiconductors PCA2001U Datasheet HTML 12Page - NXP Semiconductors PCA2001U Datasheet HTML 13Page - NXP Semiconductors PCA2001U Datasheet HTML 14Page - NXP Semiconductors PCA2001U Datasheet HTML 15Page - NXP Semiconductors PCA2001U Datasheet HTML 16Page - NXP Semiconductors PCA2001U Datasheet HTML 17Page - NXP Semiconductors PCA2001U Datasheet HTML 18Page - NXP Semiconductors PCA2001U Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
2003 Dec 17
16
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
TRAY INFORMATION
handbook, full pagewidth
MGU653
D
F
E
x
y
A
G
H
1,1
x,1
2,1
1,2
1,3
1,y
x,y
2,2
3,1
C
B
M
J
A
A
SECTION A-A
Fig.14 Tray details.
Table 8
Tray dimensions
DIMENSION
DESCRIPTION
VALUE
A
pocket pitch; x direction
2.15 mm
B
pocket pitch; y direction
2.43 mm
C
pocket width; x direction
1.01 mm
D
pocket width; y direction
1.39 mm
E
tray width; x direction
50.67 mm
F
tray width; y direction
50.67 mm
G
distance from cut corner to
pocket (1, 1) centre
4.86 mm
H
distance from cut corner to
pocket (1, 1) centre
4.66 mm
J
tray thickness
3.94 mm
M
pocket depth
0.61 mm
x
number of pockets in
x direction
20
y
number of pockets in
y direction
18
handbook, halfpage
MGU652
The orientation of the IC in a pocket is indicated by the
position of the IC type name on the surface of the die, with
respect to the cut corner on the upper left of the tray.
Fig.15 Tray alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com