Electronic Components Datasheet Search
  English  ▼

X  

PCA2000AA Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA2000AA
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA2000AA Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA2000AA Datasheet HTML 11Page - NXP Semiconductors PCA2000AA Datasheet HTML 12Page - NXP Semiconductors PCA2000AA Datasheet HTML 13Page - NXP Semiconductors PCA2000AA Datasheet HTML 14Page - NXP Semiconductors PCA2000AA Datasheet HTML 15Page - NXP Semiconductors PCA2000AA Datasheet HTML 16Page - NXP Semiconductors PCA2000AA Datasheet HTML 17Page - NXP Semiconductors PCA2000AA Datasheet HTML 18Page - NXP Semiconductors PCA2000AA Datasheet HTML 19Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
2003 Dec 17
15
Philips Semiconductors
Product specification
32 kHz watch circuit with programmable
adaptive motor pulse
PCA2000; PCA2001
BONDING PAD LOCATIONS
Notes
1. All coordinates are referenced, in
µm, to the centre of
the die (see Fig.13).
2. Pad TEST is used for factory tests; in normal operation
it should be left open-circuit, and it has an internal
pull-down resistance to VSS.
3. The substrate (rear side of the chip) is connected to
VSS. Therefore the die pad must be either floating or
connected to VSS.
Table 7
Mechanical chip data; note 1
Note
1. The substrate of the chip is connected to VSS.
SYMBOL
PAD
COORDINATES(1)
xy
VSS(3)
1
−480
+330
TEST(2)
2
−480
+160
OSCIN
3
−480
−160
OSCOUT
4
−480
−330
VDD
5
+480
−330
MOT1
6
+480
−160
MOT2
7
+480
+160
RESET
8
+480
+330
handbook, halfpage
MGW353
0.90 mm
VDD
MOT2
MOT1
RESET
VSS
TEST
OSCIN
OSCOUT
1.20 mm
x
y
0
1
2
8
7
6
5
3
4
0
Fig.13 Bonding pad locations.
PARAMETER
VALUE
Bonding pad:
metal
96
× 96 µm
opening
86
× 86 µm
Thickness:
chip for bonding
200
±25 µm
chip for golden bumps
270
±25 µm
Bumps:
height
25
±5 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com