Electronic Components Datasheet Search
  English  ▼

X  

WSA424 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # WSA424
Description  HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

WSA424 Datasheet(HTML) 1 Page - Astrodyne Corporation

  WSA424 Datasheet HTML 1Page - Astrodyne Corporation WSA424 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Copyright 2015, Astrodyne, Inc
This document is believed to be correct at time of publication and Astrodyne, Inc
accepts no responsibility for consequences from printing errors or inaccuracies.
Specifications are subject to change without notice
www.AstrodyneTDI.com
PH: 908-353-5700 | FAX: 908-353-1021
WSA 400 SERIES, 20 WATTS
HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
*Add a suffix, “M” for Medical or leave it blank for non-medical.
MODEL NUMBER
VDC
AMPS
WATTS
WSA433
3.3
3.3
11
WSA440
3.9
3.3
13
WSA445
4.5
3.3
15
WSA450
5
3.3
17
WSA455
5.5
3.1
17
WSA460
6
2.8
17
WSA465
6.5
2.6
17
WSA470
7
2.4
17
WSA475
7.5
2.3
17
WSA480
8
2.1
17
WSA490
9
2
18
WSA410
10
1.8
18
WSA411
11
1.7
19
WSA412
12
1.7
20
WSA413
13
1.5
20
WSA414
14
1.4
20
WSA415
15
1.3
20
WSA416
16
1.25
20
WSA418
18
1.1
20
WSA420
20
1
20
WSA422
22
0.9
20
WSA424
24
0.83
20
WSA426
26
0.77
20
WSA428
28
0.71
20
WSA430
30
0.67
20
WSA432
32
0.62
20
WSA436
36
0.56
20
WSA440
40
0.5
20
WSA444
44
0.45
20
WSA448
48
0.42
20
A-CASE
UL, cUL, TUV Certified CE marked for European Compliance CEC /
DOE EISA 2007 Compliant
Standard Specifications
• Universal Input Voltage: 90-264Vac 47-63Hz class I or II
• 75 to 85% efficiency
• Output Voltage Tolerance: +/-2.5% Typical, +/-5% Max, from
Full Load to No Load.
• Operating Temperature: 0 - 40°C
• Maximum Output Ripple:
• 3.3 - 6V: 50mVp-p
• 6.1 - 22V: 100mVp-p
• 22.1 - 32V: 150mVp-p
• 32.1 - 48V: 250mVp-p
• Designed for Continuous Duty
• Hold-Up Time : 25mS Minimum @ 120 Vin
• Short Circuit and Over Load Protection
• SELV Output
• MTBF Calculated > 100,000 Hours @ 40°C
• 2 Hour Minimum Loaded Burn-in at 40°C Ambient for
standard output cord configurations
• Leakage current compliant to IEC60601-1 Category B and BF
• 5 Year Warranty
Available Features
• Expanded Operating Temperatures
• 400 Hz Input Rating
• DC Input Rating
• Additional Noise and/or Surge Protection
• LED Power On Indicator
• Fixed-in-place Input Cord
• Wall Plug-in configuration
• Extended Hold-Up Time
• Output Cord Sets and Connector Configurations
• Case Colors, Markings & Logos
• 16 Hour Burn-in
All specifications are typical at nominal input, full load, and 25°C unless
otherwise noted


Similar Part No. - WSA424

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WSA AITSEMI-WSA Datasheet
286Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
Taoglas antenna solutio...
WSA.2400.A.101151 TAOGLAS-WSA.2400.A.101151 Datasheet
1Mb / 23P
Ingress Protection Rating IP65
WSA.2458.A.101151 TAOGLAS-WSA.2458.A.101151 Datasheet
2Mb / 29P
Low Profile for Ease of Installation
WSA2400A101151 TAOGLAS-WSA2400A101151 Datasheet
1Mb / 23P
Phoenix WSA.2400 Bluetooth I-Bar 2.4GHz Antenna
WSA2458A101151 TAOGLAS-WSA2458A101151 Datasheet
2Mb / 29P
Phoenix WSA.2458 Dual Band Wi-Fi I-Bar 2.4/5.8GHz Antenna with 1M RG-174 RP-SMA(M)
More results

Similar Description - WSA424

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
compact pc design
BBS-4020-F BOSER-BBS-4020-F Datasheet
646Kb / 1P
Compact PC design
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
Astrodyne Corporation
WSA533 ASTRODYNE-WSA533 Datasheet
275Kb / 2P
HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
logo
Ohmite Mfg. Co.
ACL-ACD22 OHMITE-ACL-ACD22 Datasheet
610Kb / 1P
Compact design
logo
Laird Tech Smart Techno...
AA-024-12-22 LSTD-AA-024-12-22 Datasheet
930Kb / 2P
Compact design
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
Compact design
logo
Taoglas antenna solutio...
PA.26A TAOGLAS-PA.26A Datasheet
5Mb / 22P
Compact High Efficiency Antenna
logo
CUI INC
SWI25-N CUI-SWI25-N Datasheet
454Kb / 4P
compact design
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
Compact design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com