Electronic Components Datasheet Search
  English  ▼

X  

PCA9555DB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9555DB
Description  16-bit I2C and SMBus I/O port with interrupt
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9555DB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9555DB Datasheet HTML 9Page - NXP Semiconductors PCA9555DB Datasheet HTML 10Page - NXP Semiconductors PCA9555DB Datasheet HTML 11Page - NXP Semiconductors PCA9555DB Datasheet HTML 12Page - NXP Semiconductors PCA9555DB Datasheet HTML 13Page - NXP Semiconductors PCA9555DB Datasheet HTML 14Page - NXP Semiconductors PCA9555DB Datasheet HTML 15Page - NXP Semiconductors PCA9555DB Datasheet HTML 16Page - NXP Semiconductors PCA9555DB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Philips Semiconductors
Product data sheet
PCA9555
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
13
DC CHARACTERISTICS
VDD = 2.3 V to 5.5 V; VSS = 0 V; Tamb = –40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
2.3
—
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V; no load;
fSCL = 100 kHz
—
135
200
µA
Istbl
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VSS; fSCL = 0 kHz; I/O = inputs
—
1.1
1.5
mA
Istbh
Standby current
Standby mode; VDD = 5.5 V; no load;
VI = VDD; fSCL = 0 kHz; I/O = inputs
—
0.25
1
µA
VPOR
Power-on reset voltage (Note 1)
No load; VI = VDD or VSS
—
1.5
1.65
V
input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
—
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
—
5.5
V
IOL
LOW-level output current
VOL = 0.4V
3
—
—
mA
IL
Leakage current
VI = VDD = VSS
–1
—
+1
µA
CI
Input capacitance
VI = VSS
—
6
10
pF
I/Os
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
5.5
V
IO
LOW level output current
VOL = 0.5 V; VDD = 2.3–5.5 V; Note 2
8
8–20
—
mA
IOL
LOW-level output current
VOL = 0.7 V; VDD = 2.3–5.5 V; Note 2
10
10–24
—
mA
IOH = –8 mA; VDD = 2.3 V; Note 3
1.8
—
—
V
IOH = –10 mA; VDD = 2.3 V; Note 3
1.7
—
—
V
VO
HIGH level output voltage
IOH = –8 mA; VDD = 3.0 V; Note 3
2.6
—
—
V
VOH
HIGH-level output voltage
IOH = –10 mA; VDD = 3.0 V; Note 3
2.5
—
—
V
IOH = –8 mA; VDD = 4.75 V; Note 3
4.1
—
—
V
IOH = –10 mA; VDD = 4.75 V; Note 3
4.0
—
—
V
IIH
Input leakage current
VDD = 3.6 V; VI = VDD
—
—
1
µA
IIL
Input leakage current
VDD = 5.5 V; VI = VSS
—
—
–100
µA
CI
Input capacitance
—
3.7
5
pF
CO
Output capacitance
—
3.7
5
pF
Interrupt INT
IOL
LOW level output current
VOL = 0.4 V
3
—
—
mA
Select Inputs A0, A1, A2
VIL
LOW-level input voltage
–0.5
—
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
—
5.5
V
ILI
Input leakage current
–1
—
1
µA
NOTES:
1. VDD must be lowered to 0.2 V in order to reset part.
2. Each I/O must be externally limited to a maximum of 25 mA and each octal (I/O0.0 to I/O0.7 and I/O1.0 to I/O1.7) must be limited to a
maximum current of 100 mA for a device total of 200 mA.
3. The total current sourced by all I/Os must be limited to 160 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com