Electronic Components Datasheet Search
  English  ▼

X  

LM12H458 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM12H458
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12H458 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM12H458 Datasheet HTML 17Page - National Semiconductor (TI) LM12H458 Datasheet HTML 18Page - National Semiconductor (TI) LM12H458 Datasheet HTML 19Page - National Semiconductor (TI) LM12H458 Datasheet HTML 20Page - National Semiconductor (TI) LM12H458 Datasheet HTML 21Page - National Semiconductor (TI) LM12H458 Datasheet HTML 22Page - National Semiconductor (TI) LM12H458 Datasheet HTML 23Page - National Semiconductor (TI) LM12H458 Datasheet HTML 24Page - National Semiconductor (TI) LM12H458 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Pin Description
V
A+VD+
Analog and digital supply voltage pins. The
LM12(H)454/8’s supply voltage operating range
is +3.0V to +5.5V. Accuracy is guaranteed only if
V
A+ and VD+ are connected to the same power
supply. Each pin should have a parallel combina-
tion of 10 µF (electrolytic or tantalum) and 0.1 µF
(ceramic) bypass capacitors connected between
it and ground.
D0–D15
The internal data input/output TRI-STATE buffers
are connected to these pins. These buffers are
designed to drive capacitive loads of 100 pF or
less. External buffers are necessary for driving
higher load capacitances. These pins allows the
user a means of instruction input and data out-
put. With a logic high applied to the BW pin, data
lines D8–D15 are placed in a high impedance
state and data lines D0–D7 are used for instruc-
tion
input
and
data
output
when
the
LM12(H)454/8 is connected to an 8-bit wide data
bus. A logic low on the BW pin allows the
LM12(H)454/8 to exchange information over a
16-bit wide data bus.
RD
Input for the active low READ bus control signal.
The data input/output TRI-STATE buffers, as se-
lected by the logic signal applied to the BW pin,
are enabled when RD and CS are both low. This
allows the LM12(H)454/8 to transmit information
onto the databus.
WR
Input for the active low WRITE bus control signal.
The data input/output TRI-STATE buffers, as se-
lected by the logic signal applied to the BW pin,
are enabled when WR and CS are both low. This
allows the LM12(H)454/8 to receive information
from the databus.
CS
Input for the active low Chip Select control signal.
A logic low should be applied to this pin only dur-
ing
a
READ
or
WRITE
access
to
the
LM12(H)454/8. The internal clocking is halted
and conversion stops while Chip Select is low.
Conversion resumes when the Chip Select input
signal returns high.
ALE
Address Latch Enable input. It is used in systems
containing a multiplexed databus. When ALE is
asserted high, the LM12(H)454/8 accepts infor-
mation on the databus as a valid address. A
high-to-low transition will latch the address data
on A0–A4 while the CS is low. Any changes on
A0–A4 and CS while ALE is low will not affect the
LM12(H)454/8.
See
Figure
10.
When
a
non-multiplexed bus is used, ALE is continuously
asserted high. See
Figure 11.
CLK
External clock input pin. The LM12(H)454/8 oper-
ates with an input clock frequency in the range of
0.05 MHz to 10.0 MHz.
A0–A4
The LM12(H)454/8’s address lines. They are
used to access all internal registers, Conversion
FIFO, and Instruction RAM.
SYNC
Synchronization input/output. When used as an
output, it is designed to drive capacitive loads of
100 pF or less. External buffers are necessary for
driving higher load capacitances. SYNC is an in-
put if the Configuration register’s “I/O Select” bit
is low. A rising edge on this pin causes the inter-
nal S/H to hold the input signal. The next rising
clock edge either starts a conversion or makes a
comparison to a programmable limit depending
on which function is requested by a programming
instruction. This pin will be an output if “I/O Se-
lect” is set high. The SYNC output goes high
when a conversion or a comparison is started
and low when completed. (See Section 2.2). An
internal reset after power is first applied to the
LM12(H)454/8 automatically sets this pin as an
input.
BW
Bus Width input pin. This input allows the
LM12(H)454/8 to interface directly with either an
8- or 16-bit databus. A logic high sets the width to
8 bits and places D8–D15 in a high impedance
state. A logic low sets the width to 16 bits.
INT
Active low interrupt output. This output is de-
signed to drive capacitive loads of 100 pF or less.
External buffers are necessary for driving higher
load capacitances. An interrupt signal is gener-
ated any time a non-masked interrupt condition
takes place. There are eight different conditions
that can cause an interrupt. Any interrupt is reset
by reading the Interrupt Status register. (See
Section 2.3.)
DMARQ
Active high Direct Memory Access Request out-
put. This output is designed to drive capacitive
loads of 100 pF or less. External buffers are nec-
essary for driving higher load capacitances. It
goes high whenever the number of conversion
results in the conversion FIFO equals a program-
mable value stored in the Interrupt Enable regis-
ter. It returns to a logic low when the FIFO is
empty.
GND
LM12(H)454/8 ground connection. It should be
connected to a low resistance and inductance
analog ground return that connects directly to the
system power supply ground.
IN0–IN7
(IN0–IN3
LM12H454
LM12454)
The eight (LM12(H)458) or four (LM12454)
analog inputs. A given channel is selected
through the instruction RAM. Any of the chan-
nels can be configured as an independent
single-ended input. Any pair of channels,
whether adjacent or non-adjacent, can operate
as a fully differential pair.
S/H IN+
S/H IN−
The LM12454’s non-inverting and inverting in-
puts to the internal S/H.
MUXOUT+
MUXOUT−
The LM12454’s non-inverting and inverting out-
puts from the internal multiplexer.
V
REF−
The
negative
reference
input.
The
LM12(H)454/8 operate with 0V
≤ V
REF−
≤
V
REF+. This pin should be bypassed to ground
with a parallel combination of 10 µF and 0.1 µF
(ceramic) capacitors.
V
REF+
The
positive
reference
input.
The
LM12(H)454/8 operate with 0V
≤ V
REF+ ≤ VA+.
This pin should be bypassed to ground with a
parallel combination of 10 µF and 0.1 µF (ce-
ramic) capacitors.
V
REFOUT
The internal 2.5V bandgap’s output pin. This
pin should be bypassed to ground with a 100
µF capacitor.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com