Electronic Components Datasheet Search
  English  ▼

X  

WA_SERIES Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # WA_SERIES
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

WA_SERIES Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  WA_SERIES Datasheet HTML 1Page - RUBYCON CORPORATION WA_SERIES Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
Characteristics
−25∼+85℃
350∼450Vdc
−40∼+85℃
6.3∼250Vdc
±20%(20℃, 120Hz)
Rated Voltage
(Vdc)
tanδ
0.26
6.3
0.22
10
0.18
16
0.16
25
0.14
35
0.12
50
0.20 0.20 0.20 0.20 0.20
160 200 250 350 400
0.20
450
Rated Voltage
(Vdc)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
12
10
10
16
8
25
6
35
4
64432
50
3
2
160
3
200
3
250
3
350
5
400
5
450
7
After applying rated voltage with rated ripple current for 2000 hours at 85℃,
the capacitors shall meet the following requirements.
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃, 120Hz)
(120Hz)
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
WA
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
160∼450Vdc
6.3∼50Vdc
CV≦1000
CV>1000
I=0.1CV+40
μA (1minute)
I=0.03CV+15
μA (5minutes)
I=0.04CV+100
μA (1minute)
I=0.02CV+25
μA (5minutes)
Leakage Current(MAX)
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.65 1.00 1.20 1.30 1.50
0.80
1.5∼6.8μF
10∼68μF
1.00 1.20 1.30 1.50
0.80
100∼1000μF
1.00 1.10 1.15 1.20
0.80
2200∼10000μF
1.00 1.05 1.10 1.15
◆OPTION
85℃ 9mm∼25mm Height
・Load Life : 85℃ 2000 hours.
RoHS
compliance
WA
SERIES
WA
PET Sleeve
Code
EFC
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - WA_SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WA-SG11902 ETC-WA-SG11902 Datasheet
736Kb / 10P
Add-on Residual Current Protection PBSM MW
25.04.2005 09:39
logo
Advantech Co., Ltd.
WA-SPC1840WP ADVANTECH-WA-SPC1840WP Datasheet
533Kb / 2P
18.5" WXGA TFT LED LCD stationary Multi-Touch Panel Computer with AMD dual-core processor
WA-SPC2140WP ADVANTECH-WA-SPC2140WP Datasheet
502Kb / 2P
21.5" Full HD TFT LED LCD stationary Multi-Touch Panel Computer
WA-ST ADVANTECH-WA-ST Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
WA-ST1251T-E15H4AE ADVANTECH-WA-ST1251T-E15H4AE Datasheet
299Kb / 2P
12.1~21.5 TFT LCD SCADA Panel PC with WebAccess/SCADA
2-Mar-2016
More results

Similar Description - WA_SERIES

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25PX100MEFC5X11 RUBYCON-25PX100MEFC5X11 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXJ100M5X11 RUBYCON-25YXJ100M5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ML10MEFC4X7 RUBYCON-35ML10MEFC4X7 Datasheet
181Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35PX1000MEFC10X20 RUBYCON-35PX1000MEFC10X20 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH680MEFC10X23 RUBYCON-35ZLH680MEFC10X23 Datasheet
182Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXF10MEFC5X11 RUBYCON-50YXF10MEFC5X11 Datasheet
171Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
50YXJ22MTA5X11 RUBYCON-50YXJ22MTA5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400LLE3R3MEFC8X11.5 RUBYCON-400LLE3R3MEFC8X11.5 Datasheet
175Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
450BXW180MEFC18X50 RUBYCON-450BXW180MEFC18X50 Datasheet
209Kb / 4P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
6.3ZLQ4700MEFC10X25 RUBYCON-6.3ZLQ4700MEFC10X25 Datasheet
170Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com