Electronic Components Datasheet Search
  English  ▼

X  

YXF_SERIES Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # YXF_SERIES
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXF_SERIES Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  YXF_SERIES Datasheet HTML 1Page - RUBYCON CORPORATION YXF_SERIES Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXF
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
16
25
35
100
220
330
470
1000
2200
3300
4700
6800
10000
15000
100
220
330
470
1000
2200
3300
4700
6800
10000
47
100
220
330
470
1000
2200
3300
4700
6800
33
47
100
220
330
470
1000
2200
3300
4700
33
47
100
220
330
470
1000
2200
3300
5×11
6.3×11
6.3×11
8×11.5
10×12.5
12.5×20
12.5×20
16×25
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
8×11.5
10×16
12.5×20
12.5×25
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
8×11.5
10×12.5
10×20
12.5×25
16×25
16×31.5
18×35.5
5×11
5×11
6.3×11
8×11.5
10×12.5
10×16
12.5×20
16×25
16×31.5
18×35.5
5×11
6.3×11
8×11.5
10×12.5
10×16
10×20
12.5×25
16×31.5
18×35.5
150
250
250
400
580
1300
1300
1850
1850
2000
2200
150
250
400
400
770
1300
1650
1850
2000
2200
150
250
400
400
580
1050
1650
1850
2000
2200
150
150
250
400
580
770
1300
1850
2000
2200
150
250
400
580
770
1050
1650
2000
2200
0.90
0.40
0.40
0.25
0.16
0.062
0.062
0.034
0.034
0.029
0.025
0.90
0.40
0.25
0.25
0.12
0.062
0.048
0.034
0.029
0.025
0.90
0.40
0.25
0.25
0.16
0.078
0.048
0.034
0.029
0.025
0.90
0.90
0.40
0.25
0.16
0.12
0.062
0.034
0.029
0.025
0.90
0.40
0.25
0.16
0.12
0.078
0.048
0.029
0.025
3.6
1.6
1.6
1.0
0.65
0.21
0.21
0.096
0.096
0.087
0.058
3.6
1.6
1.0
1.0
0.46
0.21
0.16
0.096
0.087
0.058
3.6
1.6
1.0
1.0
0.65
0.30
0.16
0.096
0.087
0.058
3.6
3.6
1.6
1.0
0.65
0.46
0.21
0.096
0.087
0.058
3.6
1.6
1.0
0.65
0.46
0.30
0.16
0.087
0.058
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
10
22
33
47
100
220
330
470
1000
1
2.2
3.3
4.7
10
22
33
47
100
220
330
5×11
5×11
5×11
5×11
5×11
5×11
6.3×11
6.3×11
8×11.5
10×16
10×20
12.5×20
16×25
18×35.5
5×11
6.3×11
6.3×11
8×11.5
10×12.5
10×20
12.5×20
12.5×25
16×31.5
5×11
5×11
5×11
5×11
6.3×11
8×11.5
10×12.5
10×16
12.5×20
16×25
16×25
30
43
53
88
100
150
250
250
400
770
1050
1300
1850
2200
87
140
140
210
300
520
660
750
1390
20
30
40
65
140
160
230
290
430
900
900
4.0
2.5
2.2
1.9
1.5
0.90
0.40
0.40
0.25
0.12
0.078
0.062
0.034
0.025
2.3
1.3
1.2
0.63
0.43
0.21
0.16
0.12
0.054
4.5
3.0
2.7
2.5
1.2
0.63
0.43
0.31
0.16
0.073
0.073
8.0
6.0
5.6
5.0
4.0
3.6
1.6
1.6
1.0
0.46
0.30
0.21
0.096
0.058
9.3
5.2
5.0
2.8
1.8
0.84
0.64
0.45
0.20
15.0
13.0
11.0
10.0
5.0
2.8
1.8
1.5
0.64
0.27
0.27
50
63
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com