Electronic Components Datasheet Search
  English  ▼

X  

YXG_SERIES Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # YXG_SERIES
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXG_SERIES Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  YXG_SERIES Datasheet HTML 1Page - RUBYCON CORPORATION YXG_SERIES Datasheet HTML 2Page - RUBYCON CORPORATION YXG_SERIES Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXG
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
6.3
10
150
330
680
820
1000
1200
1200
1500
1800
2200
2700
2700
3300
3900
3900
4700
5600
5600
6800
6800
6800
8200
10000
10000
12000
12000
15000
18000
100
220
470
680
680
1000
1000
1200
1500
1500
2200
2200
2200
2700
3300
3900
3900
4700
5600
5600
5600
6800
6800
8200
8200
10000
10000
12000
5×11
6.3×11
8×11.5
10×12.5
8×16
8×20
10×16
10×20
12.5×16
10×23
10×28
16×16
12.5×20
12.5×25
18×16
12.5×30
12.5×35
16×20
12.5×40
16×25
18×20
16×31.5
16×35.5
18×25
16×40
18×31.5
18×35.5
18×40
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×16
10×28
12.5×20
16×16
18×16
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
210
340
640
865
840
1050
1210
1400
1450
1650
1910
1940
1900
2230
2210
2650
2880
2530
3350
2930
2860
3450
3610
3140
4080
4170
4220
4280
210
340
640
840
865
1050
1210
1400
1650
1450
1910
1900
1940
2210
2230
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
0.58
0.22
0.13
0.080
0.087
0.069
0.060
0.046
0.049
0.042
0.031
0.042
0.035
0.027
0.043
0.024
0.020
0.027
0.017
0.021
0.026
0.017
0.015
0.019
0.013
0.015
0.014
0.012
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.042
0.049
0.031
0.035
0.042
0.043
0.027
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.32
0.35
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.065
0.078
0.056
0.060
0.067
0.050
0.044
0.049
0.038
0.040
0.038
0.032
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.17
0.16
0.12
0.12
0.12
0.11
0.089
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
16
25
56
120
330
470
470
680
680
1000
1000
1200
1500
1500
1500
2200
2200
2700
2700
3300
3900
3900
3900
4700
4700
5600
5600
6800
8200
10000
47
100
220
330
330
470
470
470
680
680
820
1000
1000
1000
1200
1500
1800
1800
2200
2200
2700
2700
3300
3300
3900
3900
4700
4700
5600
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
10×28
12.5×20
16×16
12.5×25
18×16
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×12.5
10×16
10×20
12.5×16
10×23
10×28
12.5×20
16×16
18×16
12.5×25
12.5×30
16×20
12.5×35
18×20
12.5×40
16×25
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2230
2210
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
210
340
640
840
865
1050
1700
1210
1400
1450
1650
1910
1900
1940
2210
2230
2650
2530
2880
2860
3350
2930
3450
3140
3610
4170
4080
4220
4280
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.027
0.043
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
0.58
0.22
0.13
0.087
0.080
0.069
0.053
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.043
0.027
0.024
0.027
0.020
0.026
0.017
0.021
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
2.3
0.87
0.52
0.35
0.32
0.27
0.16
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.11
0.089
0.078
0.078
0.065
0.067
0.056
0.060
0.050
0.049
0.044
0.040
0.038
0.038
0.032



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com