Electronic Components Datasheet Search
  English  ▼

X  

PT4475 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4475
Description  100-W 8.5-A Programmable Isolated DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4475 Datasheet(HTML) 2 Page - Texas Instruments

  PT4475 Datasheet HTML 1Page - Texas Instruments PT4475 Datasheet HTML 2Page - Texas Instruments PT4475 Datasheet HTML 3Page - Texas Instruments PT4475 Datasheet HTML 4Page - Texas Instruments PT4475 Datasheet HTML 5Page - Texas Instruments PT4475 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
TYPICAL
CHARACTERISTICS
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
111
1
10.0
6.5
111
0
10.5
6.75
110
1
11.0
7.0
110
0
11.5
7.25
101
1
12.0
7.5
101
0
12.5
7.75
100
1
13.0
8.0
100
0
13.5
8.25
011
1
14.0
8.5
011
0
14.5
8.75
010
1
15.0
9.0
010
0
15.5
9.25
001
1
16.0
9.5
001
0
16.5
9.75
0
0
0
1
17.0
10.0
0
0
0
0
17.5
10.25
Logic 0 = Pin 20 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID4 may not be changed while the unit is operating.
Ordering Information
PT4475
H =+6.5V to 17.5V
Pin-Out Information
Pin
Function
1+Vin
2-Vin
3
Inhibit
4
Do not connect
5
Do not connect
6
Sync
7+Vsense
8+Vout
9+Vout
10
+Vout
11
+Vout
12
+Vout
13
+Vout
Efficiency vs Output Current
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the DC/DC Converter.
Note B:
SOA curves represent operating conditions at which the temperature of the metal case is at or below the maximum specified 100°C
PT4475, Vo =12.0V (See Note A)
Power Dissipation vs Output Current
Pin
Function
14
-Vout
15
-Vout
16
-Vout
17
-Vout
18
-Vout
19
-Vout
20
-Vsense
21
VID0
22
VID1
23
VID2
24
VID3
25
VID4
26
Share
100-W 8.5-A Programmable
Isolated DC/DC Converter
PT4475—24V
Efficiency vs Output Current
PT4475, Vo =15.0V (See Note A)
Power Dissipation vs Output Current
60
65
70
75
80
85
90
95
01
234567
8
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
0
2
4
6
8
10
12
14
16
18
01
234
5678
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
60
65
70
75
80
85
90
95
01
234
5678
Iout (A)
18.0V
24.0V
30.0V
36.0V
VIN
0
2
4
6
8
10
12
14
01
234
5678
Iout (A)
36.0V
30.0V
24.0V
18.0V
VIN
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
2.0
4.0
6.0
8.0
Iout (A)
Nat conv
100LFM
200LFM
300LFM
400LFM
500LFM
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Iout (A)
500LFM
400LFM
300LFM
200LFM
100LFM
Nat conv
Airflow
Safe Operating Area, V
o
=15V (See Note B)
Safe Operating Area, V
o
=12V (See Note B)
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EKD)
Horizontal
A
(EKA)
SMD
C
(EKC)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com