Electronic Components Datasheet Search
  English  ▼

X  

FCF10RN Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FCF10RN
Description  Fast-Acting CUBEFuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FCF10RN Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FCF10RN Datasheet HTML 1Page - Cooper Bussmann, Inc. FCF10RN Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FCF_RN Dimensions – in (mm)
Time-Current Characteristic Curves–Average Melt
Current Limitation Curves
0.01
0.1
1
10
100
1000
CURRENT IN AMPS
A
30A
60A
15A
100A
100
1,000
10,000
100,000
PROSPECTIVE SHORT CIRCUIT CURRENT (SYMMETRICAL RMS AMPS)
B
0412
BU-SB10811
Page 2 of 2
Data Sheet 2147
Fuse
Dimensions - in (mm)
Amps
A
B
C
D
E
F
G
1-15
1.88
0.75
1.00
0.23
0.04
0.63
0.28
(47.75)
(19.05)
(25.40)
(5.84)
(1.02)
(15.93)
(7.11)
20
1.88
0.75)
1.00
0.31
0.04
0.63
0.28
(47.75)
(19.05)
(25.40)
(7.87)
(1.02)
(15.93)
(7.11)
25-30
1.88
0.75
1.00
0.31
0.04
0.63
0.28
(47.75)
(19.05)
(25.40)
(7.87)
(1.02)
(15.93)
(7.11)
35-40
2.13
1.00
1.13
0.36
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(9.10)
(1.02)
(15.93)
(9.65)
45-50
2.13
1.00
1.13
0.44
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(11.13)
(1.02)
(15.93)
(9.65)
60
2.13
1.00
1.13
0.44
0.04
0.63
0.38
(54.10)
(25.40)
(28.58)
(11.13)
(1.02)
(15.93)
(9.65)
70
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
80-90
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
100
3.01
1.00
1.26
0.49
0.06
0.58
0.38
(76.45)
(25.40)
(32.00)
(12.45)
(1.60)
(14.78)
(9.65)
© 2012 Cooper Bussmann
www.cooperbussmann.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of
this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com