Electronic Components Datasheet Search
  English  ▼

X  

PCD-5 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PCD-5
Description  Subminiature, Radial Leaded, Fast-Acting Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PCD-5 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PCD-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. PCD-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature, Radial Leaded, Fast-Acting Fuses
PC-Tron Series
0914 BU-SB11083
Page 1 of 2
Data Sheet 2034
Radial Leaded Device
Description
• Radial leaded, fast-acting thru-hole fuse
• Ideal for high voltage DC applications
• Board washable
• Optional mounting socket available (PCS)
• Available in different lead configurations
Specifications
Lead
AC Voltage
AC
DC Voltage
DC Interrupting
Catalog Number
Length
Rating
Interrupting
Rating
Min.
Max.
PCB-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
Full - 0.750" (straight)
250V
50A@250V - 10kA@125V
450V
300
5900A
PCB-3
Full - 0.750" (straight)
250V
50A@250V
450V
300
4400A
PCB-4
Full - 0.750” (straight)
--
450V
300
2500A
PCC-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
Short 0.100" (straight)
250V
50A@250V - 10kA@125V
450V
300
5900A
PCC-3
Short 0.100" (straight)
250V
50A@250V - 10kA@125V
450V
300
4400A
PCC-4
Short 0.100" (straight)
--
450V
300
2500A
PCD-5
Full - 0.750" (straight)
125V
10kA@125V
400V
300
1000A
PCE-5
Short 0.100" (straight)
125V
10kA@125V
400V
300
1000A
PCF-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
0.475"
250V
50A@250V - 10kA@125V
450V
300
5900A
PCF-3
0.475"
250V
50A@250V - 10kA@125V
450V
300
4400A
PCG-5
0.475"
125V
10kA@125V
400V
300
1000A
PCH-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
0.125"
250V
50A@250V - 10kA@125V
450V
300
5900A
PCH-3
0.125"
250V
50A@250V - 10kA@125V
450V
300
4400A
PCH-4
0.125"
--
450V
300
2500A
PCI-5
0.125"
125V
10kA@125V
400V
300
1000A
Agency Information
• UL Recognized: E19180
• CSA: 42731
AC Time-Current Characteristics
% of Amp Rating
Opening Time
100%
4 hours minimum
200%
10 second maximum
Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at elevated
ambient temperatures.
0.200"
(5.08mm)
0.300"
(7.62mm) 0.095"
(2.41mm)
0.030"
(2.41mm)
0.12±0.01"
(3.05mm±0.25)
0.290"
(7.37mm)
0.02"
(0.51mm)
Part Number System/Ordering - An Option Code Must Be Selected
• Specify packaging code prefix, product and option code suffix
BK
PCB-
1/2
-R
Packaging Code Prefix
Fuse Series
Amp Rating
Option Code Suffix
DC Application
The PC-Tron subminiature fuse is UL Recognized for DC supplementary
overcurrent protection to provide individual protection for components or
internal circuits in equipment. Suitability for a specific application is dependent
on time constants and capacitance values. It is the responsibility of the
customer to evaluate the information provided for applicability to their
particular application.
PCS Mounting Socket (RoHS compliant)
• Available as option. Specify catalog number BK/PCS (100 in a polybag)
and short fuse lead length — PCC or PCE


Similar Part No. - PCD-5

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PCD-5 EATON-PCD-5 Datasheet
1Mb / 2P
Subminiature radial leaded fast-acting fuses
logo
Cooper Bussmann, Inc.
PCD-5-R COOPER-PCD-5-R Datasheet
69Kb / 2P
Printed Circuit Board Fuses PC-Tron® Subminiature Fuses
12-28-98
More results

Similar Description - PCD-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6125FF COOPER-6125FF Datasheet
536Kb / 2P
Fast-Acting Subminiature Fuses
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
Subminiature Radial Leaded, Time-Delay Fuses
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
6125FF2-R COOPER-6125FF2-R_15 Datasheet
771Kb / 6P
Fast-acting subminiature fuses
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
Eaton All Rights Reserv...
6125FF EATON-6125FF Datasheet
771Kb / 6P
Fast-acting subminiature fuses
PC-TRON EATON-PC-TRON Datasheet
1Mb / 2P
Subminiature radial leaded fast-acting fuses
SS-5FH EATON-SS-5FH Datasheet
1Mb / 4P
Subminiature fast-acting fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com