Electronic Components Datasheet Search
  English  ▼

X  

595DM1LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 595DM1LP11000
Description  DC Centrifugal Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

595DM1LP11000 Datasheet(HTML) 1 Page - ETRI

  595DM1LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC Centrifugal Blowers
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: plastic UL 94 V0
Impeller material: plastic UL 94 V0
Maximum weight: 160 g
Bearing system: ball bearings
Connection: flying leads
IP 20
Available with:
- Speed sensor
- Alarm
-IP 54/IP 55
Part Number
Nominal voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
V
l/s
dB(A)
RPM
W
V
Min.°C
Max.°C
595DL1LP11000
12
9,0
45
2700
3,8
(4-13,8)
-10
60
595DL2LP11000
24
9,0
45
2700
3,8
(7-27,6)
-10
60
595DM1LP11000
12
10,7
49
3200
6,8
(4-13,8)
-10
60
595DM2LP11000
24
10,7
49
3200
6,2
(7-27,6)
-10
60
595DH1LP11000
12
12,0
52
3600
9,6
(4-13,8)
-10
60
595DH2LP11000
24
12,0
52
3600
9,6
(7-27,6)
-10
60
595DS1LP11000
12
13,3
55
4000
13,2
(4-13,8)
-10
60
595DS2LP11000
24
13,3
55
4000
13,2
(7-27,6)
-10
60
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
L-10 LIFE AT 40°C:
25 000 hours
Life expectancy
Approvals
R
595DL
595DM
595DH
595DS
Air
2 x
4.5
Ø
50±0.5
39±0.3
97.2
1.85±0.5
1.85±0.5
33±0.5
32±0.3
Ø58.9
325±10
595D
Series
97,2x94,4x33mm
3,83’’ x 3,71
’
’’ x 1.3’


Similar Part No. - 595DM1LP11000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D VISHAY-595D Datasheet
115Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
04-Sep-06
595D VISHAY-595D Datasheet
338Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
19-Aug-13
595D VISHAY-595D Datasheet
334Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
21-Jun-17
595D VISHAY-595D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
595D104X-050T2T VISHAY-595D104X-050T2T Datasheet
115Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
04-Sep-06
More results

Similar Description - 595DM1LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
591DL1LP11000 ETRI-591DL1LP11000 Datasheet
123Kb / 1P
DC Centrifugal Blowers
593DL5LP11000 ETRI-593DL5LP11000 Datasheet
171Kb / 1P
DC Centrifugal Blowers
595DL1LP11000 ETRI-595DL1LP11000 Datasheet
183Kb / 1P
DC Centrifugal Blowers
596DL1LP11000 ETRI-596DL1LP11000 Datasheet
165Kb / 1P
DC Centrifugal Blowers
598DL1LP11000 ETRI-598DL1LP11000 Datasheet
116Kb / 1P
DC Centrifugal Blowers
599DL1LP11000 ETRI-599DL1LP11000 Datasheet
147Kb / 1P
DC Centrifugal Blowers
599DL1LP11000 ETRI-599DL1LP11000_16 Datasheet
306Kb / 1P
DC Centrifugal Blowers
596DL1LP11000 ETRI-596DL1LP11000_16 Datasheet
164Kb / 1P
DC Centrifugal Blowers
593DL5LP11000 ETRI-593DL5LP11000_16 Datasheet
357Kb / 1P
DC Centrifugal Blowers
591DL1LP11000 ETRI-591DL1LP11000_16 Datasheet
159Kb / 1P
DC Centrifugal Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com