Electronic Components Datasheet Search
  English  ▼

X  

593DM5LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 593DM5LP11000
Description  DC Centrifugal Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

593DM5LP11000 Datasheet(HTML) 1 Page - ETRI

  593DM5LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: plastic UL 94 V0
Impeller material: plastic UL 94 V0
Maximum weight: 28 g
Bearing system: ball bearings
Connection: flying leads
IP 20
Available with:
- Speed sensor
- Alarm
Part Number
Nominal voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
593DL5LP11000
5
1,2
26,5
3500
0,7
(4-5,5)
-10
70
593DL1LP11000
12
1,2
26,5
3500
0,8
(10-13,8)
-10
70
593DL2LP11000
24
1,2
26,5
3500
1,2
(14-27,6)
-10
70
593DM5LP11000
5
1,5
32,5
4500
1,7
(4-5,5)
-10
70
V
l/s
dB(A)
RPM
W
V
Min.°C
Max.°C
593DM1LP11000
12
1,5
32,5
4500
1,2
(10-13,8)
-10
70
593DM2LP11000
24
1,5
32,5
4500
1,7
(14-27,6)
-10
70
593DH1LP11000
12
1,8
38
5500
1,9
(10-13,8)
-10
70
593DH2LP11000
24
1,8
38
5500
2,2
(14-27,6)
-10
70
593DS1LP11000
12
2,2
45
6500
2,5
(10-13,8)
-10
70
593DS2LP11000
24
2,2
45
6500
2,6
(14-27,6)
-10
70
Air
340±10
Ø26
10
2 x
4.5±0.3
Ø
18±0.3
51
20±0.3
25.4±0.5
15±0.5
1.8±0.5
1±0.5
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
593DL
593DM
593DH
593DS
L-10 LIFE AT 40°C:
25 000 hours
Life expectancy
Approvals
R
593D
Series
DC Centrifugal Blowers
51x51,3x15mm
2,007’’ x 2,019
’
’’ x 0,59’


Similar Part No. - 593DM5LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
593DM5LP11000 ETRI-593DM5LP11000 Datasheet
171Kb / 1P
DC Centrifugal Blowers
More results

Similar Description - 593DM5LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
591DL1LP11000 ETRI-591DL1LP11000 Datasheet
123Kb / 1P
DC Centrifugal Blowers
593DL5LP11000 ETRI-593DL5LP11000 Datasheet
171Kb / 1P
DC Centrifugal Blowers
595DL1LP11000 ETRI-595DL1LP11000 Datasheet
183Kb / 1P
DC Centrifugal Blowers
596DL1LP11000 ETRI-596DL1LP11000 Datasheet
165Kb / 1P
DC Centrifugal Blowers
598DL1LP11000 ETRI-598DL1LP11000 Datasheet
116Kb / 1P
DC Centrifugal Blowers
599DL1LP11000 ETRI-599DL1LP11000 Datasheet
147Kb / 1P
DC Centrifugal Blowers
599DL1LP11000 ETRI-599DL1LP11000_16 Datasheet
306Kb / 1P
DC Centrifugal Blowers
596DL1LP11000 ETRI-596DL1LP11000_16 Datasheet
164Kb / 1P
DC Centrifugal Blowers
595DL1LP11000 ETRI-595DL1LP11000_16 Datasheet
329Kb / 1P
DC Centrifugal Blowers
591DL1LP11000 ETRI-591DL1LP11000_16 Datasheet
159Kb / 1P
DC Centrifugal Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com