Electronic Components Datasheet Search
  English  ▼

X  

RT9181CB Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9181CB
Description  150MA LDO REGULATOR WITH POG
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9181CB Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9181CB Datasheet HTML 1Page - Richtek Technology Corporation RT9181CB Datasheet HTML 2Page - Richtek Technology Corporation RT9181CB Datasheet HTML 3Page - Richtek Technology Corporation RT9181CB Datasheet HTML 4Page - Richtek Technology Corporation RT9181CB Datasheet HTML 5Page - Richtek Technology Corporation RT9181CB Datasheet HTML 6Page - Richtek Technology Corporation RT9181CB Datasheet HTML 7Page - Richtek Technology Corporation RT9181CB Datasheet HTML 8Page - Richtek Technology Corporation RT9181CB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
RT9181
DS9181-00 February 2002
www.richtek-ic.com.tw
5
POG Delay Time vs. Supply Voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
1) Ch 1:
2 Volt 5 ms
2) Ch 2:
500 mVolt 5 ms
Under Voltage Lock Out
Time
COUT = 1
µF
VIN
VOUT
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
1) Ch 1:
5 Volt 25 us
2) Ch 2:
500 mVolt 25 us
POG Response at Power Down
Time
VIN = 5V
COUT = 1
µF
VOUT
POG
1.2V
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
1) Ch 1:
5 Volt 1 ms
2) Ch 2:
500 mVolt 1 ms
POG Response vs. VOUT
Time
VIN = 5V
POG
VOUT
2ms
delay
POG Delay Time vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-20
0
20
40
60
80
Temperature ( C)
°
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com