Electronic Components Datasheet Search
  English  ▼

X  

LM1291 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1291
Description  Video PLL System for Continuous-Sync Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1291 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1291 Datasheet HTML 1Page - National Semiconductor (TI) LM1291 Datasheet HTML 2Page - National Semiconductor (TI) LM1291 Datasheet HTML 3Page - National Semiconductor (TI) LM1291 Datasheet HTML 4Page - National Semiconductor (TI) LM1291 Datasheet HTML 5Page - National Semiconductor (TI) LM1291 Datasheet HTML 6Page - National Semiconductor (TI) LM1291 Datasheet HTML 7Page - National Semiconductor (TI) LM1291 Datasheet HTML 8Page - National Semiconductor (TI) LM1291 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Block Diagram
TLH12323 – 3
FIGURE 3
Pin Descriptions
See
Figures 4 through 15 for input and output schematics
Pin 1 - CLAMP CNTL
This low-impedance current-mode
input pin is internally biased to 2V The direction of current
sets the pulse position (back porch or sync-tip) while the
current magnitude sets the pulse width In a typical applica-
tion a control voltage of 0V – 4V is applied to this pin
through a 15 kX resistor A voltage below 2V positions the
pulse on the back porch of the horizontal sync pulse and
decreasing voltage narrows the pulse A voltage above 2V
sets the pulse on the H sync-tip (slightly delayed from the
leading edge) and increasing voltage narrows the pulse At
the boundary of the switchover between the two modes
there is a narrow region of uncertainty resulting in oscilla-
tion which should be no problem in most applications
When there is no H sync in sync-tip mode the clamp pulse
is generated by the VCO at the frequency preset by pin 5
(fMIN) This feature is intended for use in On Screen Display
systems
Pin 2 - CLAMP PULSE
Active-low clamp pulse output See
Figure 4 for the output schematic
Pin 3 - VIDEO MUTE
This NPN open-collector output pro-
duces an active-low pulse when triggered by a step change
of H sync frequency See
Figure 5 for the output schematic
Pin4-fMAX A resistor from this pin to ground sets the
upper frequency limit of the VCO fMAX is approximately
18 c 109
(RMAX a 500)
Hz
Pin5-fMIN A resistor from this pin to ground sets the lower
frequency limit of the VCO fMIN is approximately
75 c 103 a
56 c 108
(RMIN a 500)
Hz
Pin6-VREF CAP This is the decoupling pin for the internal
82V reference It should be decoupled to pin 21 (GND) via
a short path with a cap of at least 470 mF
Pin7-VCC 12V nominal power supply pin This pin should
be decoupled to pin 21 (GND) via a short path with a cap of
at least 47 mF
Pin8-V SYNC IN
This pin accepts AC-coupled V sync of
either polarity The pin is internally biased at 52V its input
resistance is approximately 50 kX For best noise immunity
a resistor of 2 kX or less should be connected from the
input side of the coupling cap to ground See
Figure 6 for
the input schematic
Pin 9 - COMP VIDEO IN
The composite video sync stripper
is active only when no signal is present at pin 12 (HHV IN)
The signal to pin 9 must have negative-going sync tips
which are at least 014V below black level For best noise
immunity a resistor of 2 kX or less should be connected
from the input side of the coupling cap to ground See
Fig-
ure 7 for the input schematic
Pin 10 - HHV CAP
A capacitor is connected from this pin
to ground for detecting the polarity and existence of HHV
sync at pin 12
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com