Electronic Components Datasheet Search
  English  ▼

X  

REG104FA-2.7/KTTT Datasheet(PDF) 1 Page - Texas Instruments

Part # REG104FA-2.7/KTTT
Description  DMOS 1A Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG104FA-2.7/KTTT Datasheet(HTML) 1 Page - Texas Instruments

  REG104FA-2.7/KTTT Datasheet HTML 1Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 2Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 3Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 4Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 5Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 6Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 7Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 8Page - Texas Instruments REG104FA-2.7/KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DMOS
1A Low-Dropout Regulator
FEATURES
q NEW DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
230mV typ at 1A and 3.3V Output
Output Capacitor NOT Required for Stability
q FAST TRANSIENT RESPONSE
q VERY LOW NOISE: 33
µV
RMS
q HIGH ACCURACY:
±2% max
q HIGH EFFICIENCY:
IGND = 1.7mA at IOUT = 1A
Not Enabled: IGND = 0.5µA
q 2.5V, 2.7V, 3.0V, 3.3V, 5.0V AND
ADJUSTABLE OUTPUT VERSIONS
q THERMAL PROTECTION
q SMALL SURFACE-MOUNT PACKAGES:
SOT223-5, DDPAK-5
APPLICATIONS
q PORTABLE COMMUNICATION DEVICES
q BATTERY-POWERED EQUIPMENT
q MODEMS
q BAR-CODE SCANNERS
q BACKUP POWER SUPPLIES
DESCRIPTION
The REG104 is a family of low-noise, low-dropout linear
regulators with low ground pin current. Its new DMOS topol-
ogy provides significant improvement over previous designs,
including low dropout voltage (only 230mV typ at full load),
and better transient performance. In addition, no output
capacitor is required for stability, unlike conventional low
dropout regulators that are difficult to compensate and
require expensive low ESR capacitors greater than 1
µF.
Typical ground pin current is only 1.7mA (at IOUT = 1A) and
drops to 0.5
µA in not enabled mode. Unlike regulators with
PNP pass devices, quiescent current remains relatively con-
stant over load variations and under dropout conditions.
The REG104 has very low output noise (typically 33
µV
RMS
for VOUT = 3.3V with CNR = 0.01µF), making it ideal for use
in portable communications equipment. On-chip trimming
results in high output voltage accuracy. Accuracy is main-
tained over temperature, line, and load variations. Key pa-
rameters are tested over the specified temperature range
(–40
°C to +85°C).
The REG104 is well protected—internal circuitry provides a
current limit which protects the load from damage. Thermal
protection circuitry keeps the chip from being damaged by
excessive temperature. The REG104 is available in the
DDPAK-5 and the SOT223-5.
REG
104
REG104
REG104
(Fixed Voltage
Versions)
Enable
Gnd
0.1
µF
C
OUT
(1)
+
+
V
OUT
V
IN
NR
NR = Noise Reduction
NOTE: (1) Optional.
REG104-A
Gnd
Enable
0.1
µF
+
C
OUT
(1)
+
V
OUT
V
IN
R
2
R
1
Adj
REG104
SBVS025G – SEPTEMBER 2001 – REVISED SEPTEMBER 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - REG104FA-2.7/KTTT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG104FA-2.7 BURR-BROWN-REG104FA-2.7 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
Texas Instruments
REG104FA-2.7 TI1-REG104FA-2.7 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Burr-Brown (TI)
REG104FA-2.7KTTT BURR-BROWN-REG104FA-2.7KTTT Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
REG104FA-2.7KTTTG3 BURR-BROWN-REG104FA-2.7KTTTG3 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
More results

Similar Description - REG104FA-2.7/KTTT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG113 TI-REG113_08 Datasheet
551Kb / 20P
DMOS 400mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG104 BURR-BROWN-REG104_08 Datasheet
763Kb / 21P
DMOS 1A Low-Dropout Regulator
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
1A Low-Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com