Electronic Components Datasheet Search
  English  ▼

X  

SC16C2550 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C2550
Description  Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C2550 Datasheet HTML 9Page - NXP Semiconductors SC16C2550 Datasheet HTML 10Page - NXP Semiconductors SC16C2550 Datasheet HTML 11Page - NXP Semiconductors SC16C2550 Datasheet HTML 12Page - NXP Semiconductors SC16C2550 Datasheet HTML 13Page - NXP Semiconductors SC16C2550 Datasheet HTML 14Page - NXP Semiconductors SC16C2550 Datasheet HTML 15Page - NXP Semiconductors SC16C2550 Datasheet HTML 16Page - NXP Semiconductors SC16C2550 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Philips Semiconductors
SC16C2550
Dual UART with 16 bytes of transmit and receive FIFOs and IrDA
encoder/decoder
Product data
Rev. 03 — 19 June 2003
13 of 46
9397 750 11621
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
receive holding register (RHR) is read. The actual time-out value is 4 character time,
including data information length, start bit, parity bit, and the size of stop bit, i.e., 1
×,
1.5
×, or 2× bit times.
6.8 Programmable baud rate generator
The SC16C2550 supports high speed modem technologies that have increased input
data rates by employing data compression schemes. For example, a 33.6 kbit/s
modem that employs data compression may require a 115.2 kbit/s input data rate.
A 128.0 kbit/s ISDN modem that supports data compression may need an input
data rate of 460.8 kbit/s. The SC16C2550 can support a standard data rate of
921.6 kbit/s.
A single baud rate generator is provided for the transmitter and receiver, allowing
independent TX/RX channel control. The programmable Baud Rate Generator is
capable of operating with a frequency of up to 80 MHz. To obtain maximum data rate,
it is necessary to use full rail swing on the clock input. The SC16C2550 can be
configured for internal or external clock operation. For internal clock oscillator
operation, an industry standard microprocessor crystal is connected externally
between the XTAL1 and XTAL2 pins. Alternatively, an external clock can be
connected to the XTAL1 pin to clock the internal baud rate generator for standard or
custom rates (see Table 6).
The generator divides the input 16
× clock by any divisor from 1 to 216 − 1. The
SC16C2550 divides the basic external clock by 16. The basic 16
× clock provides
table rates to support standard and custom applications using the same system
design. The rate table is configured via the DLL and DLM internal register functions.
Customized Baud Rates can be achieved by selecting the proper divisor values for
the MSB and LSB sections of baud rate generator.
Programming the Baud Rate Generator Registers DLM (MSB) and DLL (LSB)
provides a user capability for selecting the desired final baud rate. The example in
Table 6 shows the selectable baud rate table available when using a 1.8432 MHz
external clock input.
Fig 5.
Crystal oscillator connection.
002aaa169
X1
1.8432 MHz
C1
22 pF
C2
47 pF
X1
1.8432 MHz
C1
47 pF
C2
100 pF
1.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com