Electronic Components Datasheet Search
  English  ▼

X  

CPS253-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # CPS253-M
Description  250 Watt AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CPS253-M Datasheet(HTML) 3 Page - Artesyn Technologies

  CPS253-M Datasheet HTML 1Page - Artesyn Technologies CPS253-M Datasheet HTML 2Page - Artesyn Technologies CPS253-M Datasheet HTML 3Page - Artesyn Technologies CPS253-M Datasheet HTML 4Page - Artesyn Technologies CPS253-M Datasheet HTML 5Page - Artesyn Technologies CPS253-M Datasheet HTML 6Page - Artesyn Technologies CPS253-M Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CPS250-M Series Data Sheet
Mechanical Drawings - 12 V Variant
B
C
B
C
50.8 0.3
(2X)43.8 0.3
32.77MAX
2.5MAX
(2X)3.5 0.1
(4X) 4
INPUT
L2
T501
C12
ASSY-J0
J2
J5
J5 -PIN 1
PREFERRED EARTH
J2-PIN 1
BARCODE
Vo(+)
MODEL LABEL
WARNING
LABEL
Q501
SEE DETAIL A
Vo (+)
Vo (-)
VR1
TRIMPOT FOR OUTPUT ADJUSTABILITY
CLOCKWISE: INCREASING OUTPUT VOLTAGE
TIGHTENING TORQUE:
6.0-8.0Kgf-cm
FULL CLOCKWISE: 250W
FULL COUNTERCLOCKWISE: 155W
VR2
TRIMPOT FOR OCP LIMIT ADJUST



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com