Electronic Components Datasheet Search
  English  ▼

X  

CPS258-M Datasheet(PDF) 5 Page - Artesyn Technologies

Part # CPS258-M
Description  250 Watt AC-DC Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CPS258-M Datasheet(HTML) 5 Page - Artesyn Technologies

  CPS258-M Datasheet HTML 1Page - Artesyn Technologies CPS258-M Datasheet HTML 2Page - Artesyn Technologies CPS258-M Datasheet HTML 3Page - Artesyn Technologies CPS258-M Datasheet HTML 4Page - Artesyn Technologies CPS258-M Datasheet HTML 5Page - Artesyn Technologies CPS258-M Datasheet HTML 6Page - Artesyn Technologies CPS258-M Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CPS250-M Series Data Sheet
Mechanical Drawings - CPS253-M1
A
C
50.8 0.3
(2X)43.8 0.3
32.77MAX
2.5MAX
(2X)3.5 0.1
4
INPUT
L2
T501
C12
ASSY-J0
J2
J5
J5 -PIN 1
PREFERRED EARTH
J2-PIN 1
BARCODE
Vo(+)
J403
PIN 1
MODEL LABEL
WARNING
LABEL
Vo (+)
Vo (-)
VR1
TRIMPOT FOR OUTPUT ADJUSTABILITY
CLOCKWISE: INCREASING OUTPUT VOLTAGE
TIGHTENING TORQUE:
6.0-8.0Kgf-cm
FULL CLOCKWISE
: 250W
FULL COUNTERCLOCKWISE: 155W
VR2
TRIMPOT FOR OCP LIMIT ADJUST
Notes:
1. OCP can not be adjusted on the fly. Default setting is for 250
W Forced Air.
2. Unit should be turned off before trimpot adjustment.
3. OCP does not vary linearly with the trimpot adjustment. It is
either Full clockwise (250 W) or Full counter clockwise (155
W).
4. Thermal Hot Spot Reference - Do not exceed indicated
temperature limits to ensure operation is within the
conponent thermal derating limits. Measure the component
temperatures using K type thermocouples.
Thermal Hot Spot Reference
Component
Temperature Limit
L2
135 °C
T501
145 °C
Q501
120 °C
C12
95 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com