Electronic Components Datasheet Search
  English  ▼

X  

SD1425 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # SD1425
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

SD1425 Datasheet(HTML) 1 Page - Advanced Semiconductor

  SD1425 Datasheet HTML 1Page - Advanced Semiconductor SD1425 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
50
V
BVCEO
IC = 40 mA
25
V
BVCER
IC = 50 mA
RBE = 22
Ω
50
V
BVEBO
IE = 10 mA
3.5
V
ICBO
VCB = 24 V
2.0
mA
hFE
VCE = 10 V
IC = 200 mA
20
100
---
Cob
VCB = 24 V
f = 1.0 MHz
40
50
pF
Pout
GP
η
η c
VCC = 24 V
Pin = 5.3 W
f = 960 MHz
30
7.5
45
50
W
dB
%
NPN SILICON RF POWER TRANSISTOR
SD1425
DESCRIPTION:
The
ASI SD1425 is Designed for
Class AB Linear Base Station
Applications in the 800-900 MHz
Frequency Range.
FEATURES INCLUDE:
• Gold Metalization
• Input Matching
• Common Emitter
• Emitter Ballast Resistors
MAXIMUM RATINGS
IC
5.0 A
VCBO
50 V
VCES
45 V
PDISS
43 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
3.0
OC/W
PACKAGE STYLE .230 6L FLG
1,3,4,6 = EMITTER
2 = BASE
5 = COLLECTOR


Similar Part No. - SD1425

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
logo
Microsemi Corporation
SD1420 MICROSEMI-SD1420 Datasheet
310Kb / 3P
RF & MICROWAVE TRANSISTORS 860-900 MHz CLASS AB BASE STATIONS
logo
Honeywell Solid State E...
SD1420 HONEYWELL-SD1420 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
logo
Honeywell Accelerometer...
SD1420(L) HONEYWELL-ACC-SD1420(L) Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
More results

Similar Description - SD1425

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com