Electronic Components Datasheet Search
  English  ▼

X  

LM1292 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1292
Description  Video PLL System for Continuous-Sync Monitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1292 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1292 Datasheet HTML 1Page - National Semiconductor (TI) LM1292 Datasheet HTML 2Page - National Semiconductor (TI) LM1292 Datasheet HTML 3Page - National Semiconductor (TI) LM1292 Datasheet HTML 4Page - National Semiconductor (TI) LM1292 Datasheet HTML 5Page - National Semiconductor (TI) LM1292 Datasheet HTML 6Page - National Semiconductor (TI) LM1292 Datasheet HTML 7Page - National Semiconductor (TI) LM1292 Datasheet HTML 8Page - National Semiconductor (TI) LM1292 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
14V
Input Voltage, V
DC
Pin 14
Pin 24
Pins 5, 6
Pins 8, 28
Pins 2, 9, 12, 13, 15, 18
5V
1.3V < V
IN < 7.2V
8V
10V
V
CC
Power Dissipation (P
D)
2.5W
(Above 25˚C, derate based on
θ
JA and TJ)
Thermal Resistance (
θ
JA)
50˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 5)
2 kV
Storage Temperature
−65˚C to +80˚C
Lead Temperature
(Soldering 10 sec.)
265˚C
Operating Ratings (Note 2)
Operating Temperature Range
−20˚C to +80˚C
Supply Voltage
10.8V
≤ V
CC ≤ 13.2V
Electrical Characteristics See Test Circuit (Figure 2); T
A = 25˚C; VCC = 12V; V14 = 0V; V15 = 0V unless
otherwise stated
Parameter
Conditions
Typical
(Note 6)
Limit
(Note 7)
Units
Supply Current
30
41
mA
(max)
Minimum Composite Video
Input Amplitude (Pin 9)
Cap Coupled (0.01 µF), Sync Tip to
Black Level
0.14
V
PP
DC Clamp Level, Composite Video Input
2.0
V
Clamp Charging Current, Composite
Video Input
6mA
Minimum H/HV Sync Input Amplitude
(Pin 12)
Cap Coupled, 10% Duty Cycle (Note 8)
1.0
V
PP
Minimum V Sync Input Amplitude (Pin 8)
Cap Coupled, 1% Duty Cycle
1.0
V
PP
High Level Output Voltage V
OH (Pins 10,
16)
I
OH = −100 µA
4.3
3.8
V (Min)
Low Level Output Voltage V
OL (Pins 10,
16)
I
OL = 1.6 mA
0.25
0.4
V (Max)
Video Mute Low Level Output Voltage
(Pin 4)
I
OL = 2mA
0.4
V (Max)
Mute Detection Voltage Threshold
∆V, | FVC Cap 1 - FVC Cap 2 | for Mute
Output Low
100
mV
Flyback Input Threshold (Pin 18)
Positive Going Flyback Pulse
1.4
V
Under-Voltage Lockout (Pin 7)
V
CC Below Threshold: H Drive Output
Open (Unlatched)
10.8
V
Frequency to Voltage Gain
22 kHz
≤ f
H ≤ 125 kHz
0.047
V/kHz
VCO Gain Constant
f
VCO = 100 kHz
1.34 x 10
5
Rad/s/V
PD1 Phase Detector Gain Constant
f
VCO = 100 kHz
130
µA/Rad
f
VCO = 60 kHz
78.1
f
VCO = 22 kHz
28.6
Frequency to Voltage Linearity
22 kHz
≤ f
H ≤ 125 kHz
1.0
%
VCO Linearity
22 kHz
≤ f
VCO ≤ 125 kHz
1.0
%
Jitter
f
H = 30 kHz (Note 9)
f
H = 60 kHz
3.25
1.45
ns p-p
f
H = 100 kHz
f
H = 125 kHz
895
763
ps p-p
H Drive Duty Cycle Control Gain
V
13 = 0V– 4V; 30%–70% Allowed
0.11
T
H/V
H Drive Phase Control Gain
V
24 = 1.5V– 7V (Note 10)
32
˚/V
PD1 Phase Detector Leakage Current
+ VCO Input Bias Current (Pin 28)
1µA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com