Electronic Components Datasheet Search
  English  ▼

X  

MJD2955 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJD2955
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJD2955 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJD2955 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJD2955 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJD2955 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
MJD2955
DESCRIPTION
·
Excellent Safe Operating Area
·
Collector-Emitter Saturation Voltage-
: VCE(sat)= -1.1 V(Max)@ IC = -4A
·
Complement to Type MJD3055
·
DPAK for Surface Mount Applications
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Designed for general-purpose switching and amplifier
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-70
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
IB
Base Current
-6
A
PC
Collector Power Dissipation @TC=25℃
20
W
Collector Power Dissipation @TC=25℃
1.75
Tj
Junction Tmperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.25
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
71.4
℃
/W


Similar Part No. - MJD2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
Complementary Power Transistors
1997 REV 2
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
91Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1998
logo
Fairchild Semiconductor
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
188Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
Feb-2002
logo
ON Semiconductor
MJD2955 ONSEMI-MJD2955 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
More results

Similar Description - MJD2955

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com