Electronic Components Datasheet Search
  English  ▼

X  

SS8050-SOT23 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SS8050-SOT23
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SS8050-SOT23 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SS8050-SOT23 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SS8050-SOT23 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
SS8050
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC=100μA, IE=0
40
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=0.1mA , IB=0
25
V
V(BR)EBO
Emitter-base breakdown voltage
IE= 100μA, IC=0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC=800mA; IB= 80mA
0.5
V
VBE(sat)
base-emitter saturation voltage
IC= 800mA; IB=80mA
1.2
V
ICBO
collector cut-off current
VCB =40 V,IE = 0
0.1
uA
I
CEO
collector cut-off current
VCE= 20V, IB=0
0.1
uA
IEBO
Emitter Cutoff Current
VEB=5V; IC=0
0.1
uA
hFE-1
DC Current Gain
IC= 0.1A ; VCE= 1V
120
400
hFE-2
DC Current Gain
IC=0.8A ; VCE= 1V
40
fT
Transition frequency
VCE=10V, IC= 50mA,f=30MHz
100
MHz
Classification of hFE-1
Rank
L
H
J
Range
120-200
200-350
300-400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com