Electronic Components Datasheet Search
  English  ▼

X  

MJ10012T Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ10012T
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ10012T Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ10012T Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ10012T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
MJ10012T
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA ;IB= 0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.6A
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
2.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 10A; IB= 2A
2.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
2.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 10A; IB= 2A
3.0
V
VBE(on)
Base-Emitter On Voltage
IC= 10A ; VCE= 6V
2.8
V
ICBO
Collector Cutoff Current
VCB= 600V; IE= 0
1
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
40
mA
hFE-1
DC Current Gain
IC= 3A ; VCE= 6V
300
hFE-2
DC Current Gain
IC= 6A ; VCE= 6V
100
2000
hFE-3
DC Current Gain
IC= 10A ; VCE= 6V
20
VECF
C-E Diode Forward Voltage
IF= 10A
3.5
V
COB
Output Capacitance
VCB= 10V,IE= 0;ftest= 100kHz
350
pF
Switching Times
ts
Storage Time
VCC=12V; IC=6A ;
IB1= IB2= 0.3A
15
μ
s
tf
Fall Time
15
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com