Electronic Components Datasheet Search
  English  ▼

X  

SML4728 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SML4728
Description  Surface Mount Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4728 Datasheet(HTML) 1 Page - Vishay Siliconix

  SML4728 Datasheet HTML 1Page - Vishay Siliconix SML4728 Datasheet HTML 2Page - Vishay Siliconix SML4728 Datasheet HTML 3Page - Vishay Siliconix SML4728 Datasheet HTML 4Page - Vishay Siliconix SML4728 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
SML4728 to SML4764A
Document Number 85782
Rev. 1.5, 03-Mar-04
Vishay Semiconductors
www.vishay.com
1
15811
Surface Mount Zener Diodes
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94 V-0
• For surface mounted applications
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
260 °C/10 seconds at terminals
• Standard voltage tolerance is 10 %, Suffix A ± 5 %.
Mechanical Data
Case: JEDEC DO-214AC molded plastic over
passivated junction
Terminals: Solder plated, solderable per
MIL-STD- 750, Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.002 ounce, 64 mg
Packaging Codes - Options (Antistatic):
SML4728 - SML4737A:
11T - 1.8 k per 7" plastic reel (12mm tape), 36 k/car-
ton
5AT - 7.5 k per 13" plastic reel (12mm tape), 75 k/car-
ton
SML4738 - SML4764A:
61 - 1.8 k per 7" plastic reel (12mm tape), 36 k/carton
5A - 7.5 k per 13" plastic reel (12mm tape), 75 k/car-
ton
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
TL = 75 °C
Ptot
1.0
W
Parameter
Test condition
Symbol
Value
Unit
Maximum junction temperature
Tj
150
°C
Storage temperature range
TS
- 65 to + 150
°C


Similar Part No. - SML4728

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4728 VISHAY-SML4728 Datasheet
90Kb / 6P
Surface Mount Zener Diodes
21-Oct-08
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
99Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4728 VISHAY-SML4728 Datasheet
87Kb / 5P
Surface Mount Zener Diodes
29-Nov-11
SML4728 VISHAY-SML4728 Datasheet
103Kb / 6P
Surface Mount Zener Diodes
23-Aug-12
More results

Similar Description - SML4728

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com