Electronic Components Datasheet Search
  English  ▼

X  

E522.84 Datasheet(PDF) 13 Page - ELMOS Semiconductor AG

Part # E522.84
Description  Three integrated Linear Current Drivers (3*60mA)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.84 Datasheet(HTML) 13 Page - ELMOS Semiconductor AG

Back Button E522.84 Datasheet HTML 9Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 10Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 11Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 12Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 13Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 14Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 15Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 16Page - ELMOS Semiconductor AG E522.84 Datasheet HTML 17Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
Triple 60mA Linear LED Controller
E522.84/85/86/87
Preliminary Information - Jan 21, 2015
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0137E.00
This document contains information on a pre-production product. Elmos Semiconductor AG reserves the right to change specifications and information herein without notice.
5.6 Typical Performance Figures
Figure 4. Fast Supply Step ( Startup )
Figure 5. Slow Supply Ramping
Figure 6. Very fast VS Stepresponse ( 8V to 25V )
Typical Startup from unsupplied to 16V, Delay to deliver cur-
rent is <40µs.
Dark-Blue: VS-Supply, Bright-Blue: LED voltage,
Purple: Current Probe for LED current
Very steep rising and falling VS Supply,
8V to 25V at VS, Risetime approx. 14µs.
Purple Channel: LED Current
Bright-Blue Channel: LED Voltage
Dark-Blue Channel: VS Supply Voltage (Step)
Ramping of Supply in >20ms. Bright-blue channel shows the
LED driver output, dark-blue is the supply voltage at VS.
Purple Curve is the according current probed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com