Electronic Components Datasheet Search
  English  ▼

X  

CFPS-55 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPS-55
Description  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPS-55 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPS-55 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPS-55 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPS-55
Crystal Clock Oscillator Specification
ISSUE 5; June 2016
Outline (mm)
Test Circuit
Description
A 3V standard 2.5 x 2 crystal oscillator in a ceramic package
with a hermetically seam sealed metal lid
For a low phase noise version of this package please see our
CFPS-114 series
Frequency Parameters
Frequency
750.0kHz to 50.0MHz
Frequency Stability
±30.00ppm to ±100.00ppm
±3ppm max per year
Ageing
Electrical Parameters
3.0V ±5%
Supply Voltage
Operating Temperature Ranges
-20 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF max
Tri-State Operation:
Logic ‘1’ (>80%VS) to pad 1 enables oscillator output
Logic ‘0’ (<20% VS) to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Environmental Parameters
Storage Temperature Range: –55 to 100°C
Drop: 100cm drop (3 times) onto hard wooden board
Vibration: 10Hz-36Hz, 1.5mm amplitude, 36Hz-55Hz, 4G
sweep time 1min/oct, 2hrs in 3 mutually perpendicular planes
Ordering Information
Frequency*
Model*
Output
Frequency Stability*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
10.0MHz CFPS-55
CMOS ±50ppm -20 to 70C 3.0V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
In tape, cut from a reel
Pack Style: Cutt
Pack Size: 1
Printed on 31 Aug 16 10:59 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPS-55

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-53-AUTO IQD-CFPS-53-AUTO Datasheet
186Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-56 IQD-CFPS-56 Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-56-AUTO IQD-CFPS-56-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - CFPS-55

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com