Electronic Components Datasheet Search
  English  ▼

X  

CFPS-72 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPS-72
Description  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPS-72 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPS-72 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPS-72 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPS-72
Crystal Clock Oscillator Specification
ISSUE 12; July 2016
Outline (mm)
Test Circuit
Description
Standard 7 x 5mm crystal oscillator in a ceramic package with
a seam sealed metal lid, hermetically sealed.
Stock parts are available.
Fast Make Capability: The CFPP-72 series programmable
oscillators are the nearest equivalent fast make model.
Frequency Parameters
Frequency
500.0kHz to 100.0MHz
Frequency Stability
±25.00ppm to ±100.00ppm
±3ppm per year max
Ageing
Electrical Parameters
5.0V ±10%
Supply Voltage
Operating Temperature Ranges
0 to 70°C
-40 to 85°C
Output Details
Output Compatability
HCMOS/TTL
Drive Capability
0.5MHz to 50.0MHz
50pF max
50.0MHz to 80.0MHz
30pF max
80.0MHz to 100.0MHz
15pF max
Output Control
Standby Operation:
Logic ‘1’ (>70% Vs) to pad 1 enables oscillator output.
Logic ‘0’ (<30% Vs) to pad 1 disables oscillator output; the
oscillator output goes to the high impedance state.
No connection to pad 1 enables oscillator output.
Standby Current: 10μA max
Noise Parameters
Phase Jitter RMS : 350fs typical
Environmental Parameters
Shock: MIL-STD-202, Method 213, Condition E.
Vibration: MIL-STD-883, Method 2007, Condition A.
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
In tape, cut from a reel
Pack Style: Cutt
Pack Size: 1
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Printed on 21 Jul 16 14:18 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPS-72

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
CFPS-72 SEMTECH-CFPS-72 Datasheet
55Kb / 2P
Semtech Reference - Stratum 4
logo
Wurth Elektronik GmbH &...
CFPS-72 WURTH-CFPS-72 Datasheet
2Mb / 2P
Crystal Clock Oscillator Specification
27 Jun 19 17:16
logo
Semtech Corporation
CFPS-72I SEMTECH-CFPS-72I Datasheet
55Kb / 2P
Semtech Reference - Stratum 4
More results

Similar Description - CFPS-72

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
CXO-5.0V IQD-CXO-5.0V Datasheet
188Kb / 3P
Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com