Electronic Components Datasheet Search
  English  ▼

X  

TUSB8040 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 6Page - Texas Instruments TUSB8040 Datasheet HTML 7Page - Texas Instruments TUSB8040 Datasheet HTML 8Page - Texas Instruments TUSB8040 Datasheet HTML 9Page - Texas Instruments TUSB8040 Datasheet HTML 10Page - Texas Instruments TUSB8040 Datasheet HTML 11Page - Texas Instruments TUSB8040 Datasheet HTML 12Page - Texas Instruments TUSB8040 Datasheet HTML 13Page - Texas Instruments TUSB8040 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Not Recommended for New Designs
TUSB8040
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
www.ti.com
2.3
USB Downstream Signals
Table 2-3. USB Downstream Signals
SIGNAL NAME
TYPE
PIN NO.
DESCRIPTION
USB_SSTXP_DN0
O
8
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN0
O
9
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN0
I
6
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN0
I
7
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN0
I/O
2
USB high-speed differential transceiver (positive)
USB_DM_DN0
I/O
3
USB high-speed differential transceiver (negative)
USB port power on control for downstream power/battery charging enable.
The terminal is used for control of the downstream power switch; in addition, the value of
the terminal is sampled at the de-assertion of reset to determine the value of the battery
charger support for the port as indicated in the Battery Charger Support register:
0 = Battery charging not supported
PWRON0z_BATEN0
I/O, PD
39
1 = Battery charging supported
The TUSB8040PFP only supports ganged mode. This terminal provides the port power
control for all downstream ports. This terminal also determines the battery charging
support of all downstream ports.
USB downstream port over-current detection.
The TUSB8040PFP only supports ganged mode. This terminal receives the over-current
indication for all downstream ports.
0 = An overcurrent event has occurred
OVERCUR0z
I, PU
40
1 = An overcurrent event has not occurred
This terminal should be pulled high using a 10-k
Ω resistor if power management is not
implemented. If power management is enabled, the external circuitry needed should be
determined by the power management device.
USB_SSTXP_DN1
O
55
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN1
O
56
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN1
I
53
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN1
I
54
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN1
I/O
60
USB High-speed differential transceiver (positive)
USB_DM_DN1
I/O
59
USB High-speed differential transceiver (negative)
USB_SSTXP_DN2
O
14
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN2
O
15
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN2
I
12
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN2
I
13
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN2
I/O
17
USB High-speed differential transceiver (positive)
USB_DM_DN2
I/O
18
USB High-speed differential transceiver (negative)
USB_SSTXP_DN3
O
49
USB SuperSpeed transmitter differential pair (positive)
USB_SSTXM_DN3
O
50
USB SuperSpeed transmitter differential pair (negative)
USB_SSRXP_DN3
I
47
USB SuperSpeed receiver differential pair (positive)
USB_SSRXM_DN3
I
48
USB SuperSpeed receiver differential pair (negative)
USB_DP_DN3
I/O
45
USB High-speed differential transceiver (positive)
USB_DM_DN3
I/O
44
USB High-speed differential transceiver (negative)
10
PIN DESCRIPTIONS
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com