Electronic Components Datasheet Search
  English  ▼

X  

LM12L458 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM12L458 Datasheet HTML 9Page - National Semiconductor (TI) LM12L458 Datasheet HTML 10Page - National Semiconductor (TI) LM12L458 Datasheet HTML 11Page - National Semiconductor (TI) LM12L458 Datasheet HTML 12Page - National Semiconductor (TI) LM12L458 Datasheet HTML 13Page - National Semiconductor (TI) LM12L458 Datasheet HTML 14Page - National Semiconductor (TI) LM12L458 Datasheet HTML 15Page - National Semiconductor (TI) LM12L458 Datasheet HTML 16Page - National Semiconductor (TI) LM12L458 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Typical Performance Characteristics The following curves apply for 12-bit + sign mode after
auto-calibration with V
A+ = VD+ = 3.3V, VREF+ = 2.5V, VREF− = 0V, TA = 25˚C, and fCLK = 6 MHz unless otherwise specified.
The performance for 8-bit + sign and “watchdog” modes is equal to or better than shown. (Note 9) (Continued)
Linearity Error Change
vs Supply Voltage
DS011711-37
Full-Scale Error Change
vs Clock Frequency
DS011711-38
Full-Scale Error Change
vs Temperature
DS011711-39
Full-Scale Error Change
vs Reference Voltage
DS011711-40
Full-Scale Error
vs Supply Voltage
DS011711-41
Zero Error Change
vs Clock Frequency
DS011711-42
Zero Error Change
vs Temperature
DS011711-43
Zero Error Change
vs Reference Voltage
DS011711-44
Zero Error Change
vs Supply Voltage
DS011711-45
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com