Electronic Components Datasheet Search
  English  ▼

X  

CJMPD08 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJMPD08
Description  P-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJMPD08 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJMPD08 Datasheet HTML 1Page - ZP Semiconductor CJMPD08 Datasheet HTML 2Page - ZP Semiconductor CJMPD08 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thermal Resistance from Junction to Ambient (Note1b)
RθJA
173
℃/W
Thermal Resistance from Junction to Ambient (Note1c)
RθJA
69
℃/W
Thermal Resistance from Junction to Ambient(Note1d)
RθJA
151
℃/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 ~+150
Notes:1. RθJA is determined with the device mounted on a 1.5 x 1.5 in. PCB of FR-4 material.
(a) when mounted on a 1 in
2 pad of 2 oz copper, 1.5 " x 1.5 " x 0.062 " thick PCB. For single operation.
(b) when mounted on a minimum pad of 2 oz copper. For single operation.
(c) when mounted on a 1 in
2 pad of 2 oz copper, 1.5 " x 1.5 " x 0.062 " thick PCB. For dual operation.
(d) when mounted on a minimum pad of 2 oz copper. For dual operation.
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
On/Off Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-20
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-0.4
-1
V
Gate-body leakage current
IGSS
VDS =0V, VGS =±8V
±100
nA
Zero gate voltage drain current
IDSS
VDS =-16V, VGS =0V
-1
µA
VGS =-4.5V, ID =-3.6A
60
VGS =-2.5V, ID =-3A
80
VGS =-1.8V, ID =-2A
110
Drain-source on-state resistance (Note 2)
RDS(on)
VGS =-1.5V, ID =-1A
170
mΩ
Forward transconductance (Note 2)
g
FS
VDS =-10V, ID =-2.7A
5.5
S
Charges , Capacitances and Gate resistance(Note3)
Input capacitance
Ciss
480
Output capacitance
Coss
46
Reverse transfer capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
10
pF
Total gate charge
Qg
7.2
Gate-source charge
Qgs
2.2
Gate-drain charge
Qgd
VDS =-4.5V,VGS =-6V,ID =-2.8A
1.2
nC
Switching times (Note3)
Turn-on delay time
td(on)
38
Rise time
tr
25
Turn-off delay time
td(off)
43
Fall time
tf
VDS=-6V,ID=-2.8A,
VGS=-4.5V,RG=6Ω
5
ns
Source-drain diode characteristics
Forward on voltage (Note2)
VSD
VGS =0V, IS=-1A
-0.8
V
Notes:
2. Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
3. These parameters have no way to verify.
2 of 3
sales@zpsemi.com
www.zpsemi.com
CJMPD08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com